Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21348UNFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F21348UNFP
Description  The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21348UNFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F21348UNFP Datasheet HTML 3Page - Renesas Technology Corp R5F21348UNFP Datasheet HTML 4Page - Renesas Technology Corp R5F21348UNFP Datasheet HTML 5Page - Renesas Technology Corp R5F21348UNFP Datasheet HTML 6Page - Renesas Technology Corp R5F21348UNFP Datasheet HTML 7Page - Renesas Technology Corp R5F21348UNFP Datasheet HTML 8Page - Renesas Technology Corp R5F21348UNFP Datasheet HTML 9Page - Renesas Technology Corp R5F21348UNFP Datasheet HTML 10Page - Renesas Technology Corp R5F21348UNFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
R8C/34U Group, R8C/34K Group
1. Overview
R01DS0113EJ0110 Rev.1.10
Page 7 of 91
Jun 15, 2011
1.3
Block Diagram
Figure 1.3 and Figure 1.4 show a Block Diagram of Each Group.
Figure 1.3
Block Diagram of R8C/34U Group
R8C CPU core
Memory
ROM (1)
RAM (2)
Multiplier
R0H
R0L
R1H
R2
R3
R1L
A0
A1
FB
SB
USP
ISP
INTB
PC
FLG
I/O ports
System clock generation
circuit
XIN-XOUT
High-speed on-chip oscillator
Low-speed on-chip oscillator
PLL frequency synthesizer
Timers
Timer RA (8 bits
× 1)
Timer RB (8 bits
× 1)
Timer RC (16 bits
× 1)
Timer RF (16 bits
× 1)
UART or
clock synchronous serial I/O
(8 bits
× 4)
I2C bus or SSU
(8 bits
× 1)
Peripheral functions
Watchdog timer
(14 bits)
Comparator B
Voltage detection circuit
DTC
Low-speed on-chip oscillator
for watchdog timer
8
Port P0
8
Port P1
5
Port P3
USB FIFO
(448 bytes)
USB Function
(USB2.0 Full speed)
4
Port P6
2
Port P7
4
Port P8
Port P4
5
Notes:
1. ROM size varies with MCU type.
2. RAM size varies with MCU type.
A/D converter
(10 bits
× 12 channels)
LIN module


Similar Part No. - R5F21348UNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21348UNFP RENESAS-R5F21348UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21348UNFP RENESAS-R5F21348UNFP Datasheet
854Kb / 95P
   RENESAS MCU
More results

Similar Description - R5F21348UNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
   R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F2M131BNFP RENESAS-R5F2M131BNFP Datasheet
755Kb / 51P
   The R8C/M13B Group of single-chip microcontrollers
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
   R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
   R8C/20 Group, R8C/21 Group RENESAS MCU
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C-24 RENESAS-R8C-24_1 Datasheet
5Mb / 525P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C-20 RENESAS-R8C-20_1 Datasheet
4Mb / 501P
   MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com