Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C34U Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R8C34U
Description  The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C34U Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R8C34U_15 Datasheet HTML 2Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 3Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 4Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 5Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 6Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 7Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 8Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 9Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
R8C/34U Group, R8C/34K Group
1. Overview
R01DS0113EJ0110 Rev.1.10
Page 6 of 91
Jun 15, 2011
Note:
1. The user ROM is programmed before shipment.
Figure 1.2
Part Number, Memory Size, and Package of R8C/34K Group
Table 1.5
Product List for R8C/34K Group
Current of Jun 2011
Part No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program
ROM
Data flash
R5F21348KNFP
64 Kbytes
1 Kbyte
× 4 8 Kbytes PLQP0048KB-A
N version
R5F2134CKNFP
128Kbytes
1 Kbyte
× 4 10 Kbytes PLQP0048KB-A
R5F21348KDFP
64 Kbytes
1 Kbyte
× 4 8 Kbytes PLQP0048KB-A
D version
R5F2134CKDFP
128Kbytes
1 Kbyte
× 4 10 Kbytes PLQP0048KB-A
R5F21348KNXXXFP
64 Kbytes
1 Kbyte
× 4 8 Kbytes PLQP0048KB-A
N version
Factory
programming
product (1)
R5F2134CKNXXXFP
128Kbytes
1 Kbyte
× 4 10 Kbytes PLQP0048KB-A
R5F21348KDXXXFP
64 Kbytes
1 Kbyte
× 4 8 Kbytes PLQP0048KB-A
D version
R5F2134CKDXXXFP
128Kbytes
1 Kbyte
× 4 10 Kbytes PLQP0048KB-A
Package type:
FP: PLQP0048KB-A
ROM number
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
8: 64 KB
C: 128 KB
R8C/34K Group
R8C/3x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor
Part No. R 5 F 21 34 8 K N XXX FP


Similar Part No. - R8C34U_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C34C RENESAS-R8C34C Datasheet
539Kb / 57P
   RENESAS MCU
R8C34C RENESAS-R8C34C_15 Datasheet
539Kb / 57P
   RENESAS MCU
R8C34M RENESAS-R8C34M Datasheet
561Kb / 57P
   Specifications in this document are tentative and subject to change
R8C34M RENESAS-R8C34M_15 Datasheet
555Kb / 57P
   RENESAS MCU
More results

Similar Description - R8C34U_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
   R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F2M131BNFP RENESAS-R5F2M131BNFP Datasheet
755Kb / 51P
   The R8C/M13B Group of single-chip microcontrollers
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
   R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
   R8C/20 Group, R8C/21 Group RENESAS MCU
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C-24 RENESAS-R8C-24_1 Datasheet
5Mb / 525P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C-20 RENESAS-R8C-20_1 Datasheet
4Mb / 501P
   MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com