Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C3GM Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R8C3GM
Description  RENESAS MCU
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3GM Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R8C3GM_15 Datasheet HTML 5Page - Renesas Technology Corp R8C3GM_15 Datasheet HTML 6Page - Renesas Technology Corp R8C3GM_15 Datasheet HTML 7Page - Renesas Technology Corp R8C3GM_15 Datasheet HTML 8Page - Renesas Technology Corp R8C3GM_15 Datasheet HTML 9Page - Renesas Technology Corp R8C3GM_15 Datasheet HTML 10Page - Renesas Technology Corp R8C3GM_15 Datasheet HTML 11Page - Renesas Technology Corp R8C3GM_15 Datasheet HTML 12Page - Renesas Technology Corp R8C3GM_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
R8C/3GM Group
1. Overview
R01DS0127EJ0100 Rev.1.00
Page 9 of 53
Jul 27, 2011
I: Input
O: Output
I/O: Input and output
Table 1.6
Pin Functions (2)
Item
Pin Name
I/O Type
Description
Reference voltage
input
VREF
I
Reference voltage input pin to A/D converter and D/A
converter
A/D converter
AN0, AN1, AN5, AN6,
AN8 to AN11
I
Analog input pins to A/D converter
ADTRG
I
AD external trigger input pin
D/A converter
DA0, DA1
O
D/A converter output pins
Comparator A
LVCMP1, LVCMP2
I
Comparator A analog voltage input pins
LVREF
I
Comparator A reference voltage input pin
LVCOUT1, LVCOUT2
O
Comparator A output pins
Comparator B
IVCMP1, IVCMP3
I
Comparator B analog voltage input pins
IVREF1, IVREF3
I
Comparator B reference voltage input pins
I/O port
P0_1, P0_2,
P0_6, P0_7,
P1_0 to P1_7,
P3_3 to P3_5,
P3_7,
P4_5 to P4_7
I/O
CMOS I/O ports. Each port has an I/O select direction
register, allowing each pin in the port to be directed for input
or output individually.
Any port set to input can be set to use a pull-up resistor or not
by a program.
All ports can be used as LED drive ports.
Input port
P4_2
I
Input-only port


Similar Part No. - R8C3GM_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C3GA RENESAS-R8C3GA Datasheet
442Kb / 56P
   RENESAS MCU
R8C3GA RENESAS-R8C3GA_15 Datasheet
474Kb / 58P
   RENESAS MCU
R8C3GC RENESAS-R8C3GC_15 Datasheet
557Kb / 59P
   RENESAS MCU
More results

Similar Description - R8C3GM_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com