Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3055 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SGM3055
Description  N-Channel Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGM3055 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SGM3055_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGM3055_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGM3055_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGM3055_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SGM3055
5.8A , 30V , RDS(ON) 28 m
N-Channel Enhancement Mode Power MOSFET
29-May-2012 Rev. C
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
1
2
3
4
A
B
D
L
K
F
G
H
J
E
C
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The GM3055 provide the designer with the best
combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness. The SOT-89 package
is universally preferred for all commercial-industrial surface
mount applications and suited for low voltage applications
such as DC/DC converters.
FEATURES
Fast Switching
Dynamic dv/dt Rating
Repetitive Avalanche Rated
Simple Drive Requirement
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
TA = 25°C
5.8
A
Continuous Drain Current
1
TA = 70°C
ID
4.7
A
Pulsed Drain Current
2
IDM
30
A
Power Dissipation
3
PD
1.5
W
Linear Derating Factor
0.0118
W / °C
Operating Junction & Storage Temperature
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Thermal Resistance Junction-Ambient
1(Max).
RθJA
85
°C / W
Thermal Resistance Junction-Case
1(Max).
RθJC
30
°C / W
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
-
-
B
4.05
4.25
H
0.89
1.20
C
2.40
2.60
J
0.35
0.41
D
1.40
1.60
K
0.70
0.80
E
3.00 REF.
L
1.50 REF.
F
0.40
0.52
3055

= Date code

G

S
D



Similar Part No. - SGM3055_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM3055 SECOS-SGM3055_11 Datasheet
778Kb / 4P
   6A , 30V , RDS(ON) 26 m??N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SGM3055_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com