Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THV6530 Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part No. THV6530
Description  THV6530 is a controller IC power supply system with
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV6530 Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THV6530 Datasheet HTML 2Page - THine Electronics, Inc. THV6530 Datasheet HTML 3Page - THine Electronics, Inc. THV6530 Datasheet HTML 4Page - THine Electronics, Inc. THV6530 Datasheet HTML 5Page - THine Electronics, Inc. THV6530 Datasheet HTML 6Page - THine Electronics, Inc. THV6530 Datasheet HTML 7Page - THine Electronics, Inc. THV6530 Datasheet HTML 8Page - THine Electronics, Inc. THV6530 Datasheet HTML 9Page - THine Electronics, Inc. THV6530 Datasheet HTML 10Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
THine Electronics, Inc.
6/11
Copyright© 2013 THine Electronics, Inc. All rights reserved.
THL6530_Rev.1.00_E
Function
Boost converter
The LCD panel VLS supply is generated from a
high-efficiency PWM boost converter operating with
current mode control, and the switching frequency is
1.2MHz. During the on-period, TON, the synchronous
FET connects one end of the inductor to ground,
therefore increasing the inductor current. After the FET
turns off, the inductor switching node, LX, is charged to
a positive voltage by the inductor current. The
freewheeling diode turns on and the inductor current
flows to the output capacitor.
The converter operates in continuous conduction mode
when the load current IVLS is at least one-half of the
inductor ripple current ΔIrip.
VLS
F
L
V
V
VLS
I
I
I
OSC
IN
IN
rip
rip
IN
)
(
2
The output voltage (VLS) is determined by the duty
cycle(D) of the power FET on-time and the input
voltage, VIN.
D
V
VLS
IN
1
The average load current, IVLS, can be calculated from
the power conservation law.
VLS
IN
IN
I
VLS
I
V
where η is the power conversion efficiency. For a lower
load current, the inductor current would decay to zero
during the free-wheeling period and the output node
would be disconnected
from the
inductor for the
remaining portion of the switching period. The converter
would operate in the discontinuous conduction mode .
Current mode control is well known for its robustness
and fast transient response. An inner current feedback
loop sets the on-time and the duty cycle such that the
current through the inductor equals to the current
computed by the compensator. This loop acts within one
switching cycle. A slope compensation ramp is added to
suppress sub-harmonic oscillations. An outer voltage
feedback loop subtracts the voltage on the FB pin from
the internal reference voltage and feeds the difference to
the compensator operational transconductance amplifier.
This amplifier is compensated by an external R-C
network to allow the user to optimize the transient
response and loop stability for the specific application
conditions.
The output voltage VLS can be set by external resistor
divider R1 and R2 connected to FB.


2
1
1
R
R
V
VLS
FB
Fig. 1 FB setup
[Compensator selection]
This current mode boost converter has a current sense
loop and a voltage feedback loop. The current sense
loop does not need any
compensation. The voltage
feedback loop is compensated by an external series
R-C network
RPC and CPC from PC pin to ground.
RCOMP is set to define the high frequency integrator gain
for loop bandwidth which relates to the transient
response. CPC is set to ensure the loop stability.
[Output capacitor selection]
The output voltage ripple due to converter switching is
R2
R1
FB
VLS
LX
R2
R1
FB
VLS
LX


Similar Part No. - THV6530

ManufacturerPart No.DatasheetDescription
THine Electronics, Inc.
THine Electronics, Inc.
THV6531 THINE-THV6531 Datasheet
948Kb / 11P
   THV6531 is a controller IC power supply system with
More results

Similar Description - THV6530

ManufacturerPart No.DatasheetDescription
THine Electronics, Inc.
THine Electronics, Inc.
THV6531 THINE-THV6531 Datasheet
948Kb / 11P
   THV6531 is a controller IC power supply system with
THV6520 THINE-THV6520 Datasheet
825Kb / 11P
   THV6520 is a controller IC power supply system with
ON Semiconductor
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
ATMEL Corporation
ATMEL Corporation
ATA6405 ATMEL-ATA6405 Datasheet
281Kb / 12P
   12/24V SYSTEM POWER SUPPLY IC
Rohm
Rohm
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
International Rectifier
International Rectifier
IRIS-G6651 IRF-IRIS-G6651 Datasheet
272Kb / 7P
   IRIS-G6651 is a hybrid IC consists from power MOSFET and a controller IC
ADTech
ADTech
ADT7310 ADTECH-ADT7310 Datasheet
262Kb / 15P
   system specific power supply IC that is suitable for color CCD camera
Fujitsu Component Limited.
Fujitsu Component Limit...
MB3829 FUJITSU-MB3829 Datasheet
442Kb / 24P
   System Power Supply IC for Mobile Telephone
Rohm
Rohm
BD4911FM ROHM-BD4911FM Datasheet
282Kb / 6P
   System Power Supply with WDT
NXP Semiconductors
NXP Semiconductors
TEA1623P NXP-TEA1623P Datasheet
434Kb / 20P
   STARplug switched mode power supply controller IC
Rev. 3-30 August 2010
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz