Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THV6530 Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part No. THV6530
Description  THV6530 is a controller IC power supply system with
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV6530 Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THV6530 Datasheet HTML 1Page - THine Electronics, Inc. THV6530 Datasheet HTML 2Page - THine Electronics, Inc. THV6530 Datasheet HTML 3Page - THine Electronics, Inc. THV6530 Datasheet HTML 4Page - THine Electronics, Inc. THV6530 Datasheet HTML 5Page - THine Electronics, Inc. THV6530 Datasheet HTML 6Page - THine Electronics, Inc. THV6530 Datasheet HTML 7Page - THine Electronics, Inc. THV6530 Datasheet HTML 8Page - THine Electronics, Inc. THV6530 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
THine Electronics, Inc.
5/11
Copyright© 2013 THine Electronics, Inc. All rights reserved.
THL6530_Rev.1.00_E
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Buffer amplifier
AVDD quiescent Current
Iavdd
-
0.6
1.2
mA
Input offset voltage
Voff
Vamp_non=1/2AVDD
–15
0
15
mV
Input bias current
Iamp_non
-100
0
100
nA
Input common-mode voltage
Vamp_non
-0.3
-
AVDD+
0.3V
V
Output high voltage
Vout_h
Iamp_out=5mA
AVDD-
0.2
-
-
V
Output low voltage
Vout_l
Iamp_out=-5mA
-
-
0.2
V
Slew rate
SR
Vamp_out=20% to 80%
CL=10pF, RL=10kΩ
8
12
-
V/
usec
Short circuit high current
Iamp_h
Vamp_out=0V
100
150
-
mA
Short circuit low current
Iamp_l
Vamp_out=AVDD
100
150
-
mA
Reset
Reset threshold voltage
Vrst
-
2.6
-
V
Reset hysteresis voltage
Vrsth
-
0.1
-
V
Reset output voltage
Vrst_o
Irst=1mA
-
-
0.4
V
Reset output delay time
Trst
-
120
-
msec


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn