Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THV6530 Datasheet(PDF) 3 Page - THine Electronics, Inc.

Part No. THV6530
Description  THV6530 is a controller IC power supply system with
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  THINE [THine Electronics, Inc.]
Homepage  http://www.thine.co.jp/index_e.html
Logo 

THV6530 Datasheet(HTML) 3 Page - THine Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
THine Electronics, Inc.
3/11
Copyright© 2013 THine Electronics, Inc. All rights reserved.
THL6530_Rev.1.00_E
Pin Description
Number
Name
Function
Description
1
VGL_OUT
Negative charge pump
output pin
This pin is output for negative charge pump.
2
VREF
Reference output voltage
pin
This pin is reference voltage for negative charge pump.
Please connect capacitor to GND for stable voltage.
3
AGND
Analog ground pin
Analog ground of PMIC
4
RST
Reset output pin
Voltage detector output. RST is an open-drain output.
5
EN
Enable pin
If low level voltage is impressed, PMIC is shutdown.
6
AMP_NON
Operational amplifier
non-inverting input pin
This pin is the non-inverting input of operational amplifier.
7
AMP_OUT
Operational amplifier
output pin
This pin is output of operational amplifier.
8
AVDD
Charge pump supply and
operational amplifier
supply pin
This pin is input supply for operational amplifier, positive
charge pump.
9
PGND
Power ground pins
Power ground of boost converter.
10
LX
Boost converter switching
output pin
This pin is switching output of boost converter.
11
VCC
Supply voltage pin
Power supply pin.
12
FB
Boost converter feedback
voltage sense input pin
This pin is feedback input for boost converter.
13
PC
Boost converter error
amplifier output pin
This pin is the boost converter error amplifier output.
Please connect resistance and capacitor to GND for phase
compensation.
14
VGH_FB
Positive charge pump
feedback sense input pin
This pin is feedback input for positive charge pump.
15
VGH_OUT
Positive charge pump
output pin
This pin is output for positive charge pump.
16
VGL_FB
Negative charge pump
feedback sense input pin
This pin is feedback input for negative charge pump.
17
GND EXP
Back side
GND EXP should be soldered to GND to improve the
thermal characteristics.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn