Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THV6530 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part No. THV6530
Description  THV6530 is a controller IC power supply system with
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  THINE [THine Electronics, Inc.]
Homepage  http://www.thine.co.jp/index_e.html
Logo 

THV6530 Datasheet(HTML) 2 Page - THine Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
THine Electronics, Inc.
2/11
Copyright© 2013 THine Electronics, Inc. All rights reserved.
THL6530_Rev.1.00_E
Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
VCC voltage
VCC
6.5
V
AVDD, LX voltage
VH
22
V
EN, RST voltage
VL
6.5
V
Power dissipation
Pd
1.47
W
Junction temperature (*1)
Tj
125
Storage temperature range
Tstg
-55 to +150
*1. The operating temperature range should perform a thermal design, after consulting the thermal characteristic. Please use it in the range which
does not exceed junction temperature.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
VCC voltage
2.5
-
5.5
V
AVDD voltage
6
-
16
V
Power Dissipation
0
200
400
600
800
1000
1200
1400
1600
-40
-20
0
20
40
60
80
100
120
140
Operating Temperature [℃]


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn