Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THV6530 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part No. THV6530
Description  THV6530 is a controller IC power supply system with
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV6530 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THV6530 Datasheet HTML 1Page - THine Electronics, Inc. THV6530 Datasheet HTML 2Page - THine Electronics, Inc. THV6530 Datasheet HTML 3Page - THine Electronics, Inc. THV6530 Datasheet HTML 4Page - THine Electronics, Inc. THV6530 Datasheet HTML 5Page - THine Electronics, Inc. THV6530 Datasheet HTML 6Page - THine Electronics, Inc. THV6530 Datasheet HTML 7Page - THine Electronics, Inc. THV6530 Datasheet HTML 8Page - THine Electronics, Inc. THV6530 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
THine Electronics, Inc.
1/11
THV6530_Rev.1.00_E
Copyright© 2013 THine Electronics, Inc. All rights reserved.
VIN
VREF
LX
VGH_OUT
PGND
VGH_FB
AGND
VGL_FB
VGL_OUT
Detector
AVDD
AVDD
Boost
EN
RST
VCC
FB
PC
AVDD
AMP_NON
AMP_OUT
VLS
VGH
VGL
VLS
VREF
UVLO
VCOM
VIN
OSC
OSC
1/2OSC
OSC
1/2OSC
1/2OSC
VIN
VREF
LX
VGH_OUT
PGND
VGH_FB
AGND
VGL_FB
VGL_OUT
Detector
AVDD
AVDD
Boost
EN
RST
VCC
FB
PC
AVDD
AMP_NON
AMP_OUT
VLS
VGH
VGL
VLS
VREF
UVLO
VCOM
VIN
OSC
OSC
1/2OSC
OSC
1/2OSC
1/2OSC
THV6530
Boost converter / 2 channel charge pump
Description
THV6530 is a controller IC power supply system with
boost converter and 2 channel charge pump circuit.
The positive and negative charge pumps provide
regulated TFT LCD gate-on and gate-off supplies. The
chip includes a VCOM buffer.
Soft start / Over current protection / Vout short circuit
protection / Under voltage lock out protection / Thermal
shut down are built in.
Mounted area is reducible by 16-pin QFN.
Application
Mobile phone display
Car Navigator display
Laptop/Netbook/Tablet PC display
Pin Configuration
Features
Input voltage range : 2.5V – 5.5V
Boost converter
Maximum output voltage : 16V
Switching limit current : 1.4A
Feedback voltage accuracy : +/-1%
Switching frequency : 1.2MHz
Positive charge pump
Feedback voltage accuracy : +/-2%
Switching frequency : 600kHz
Negative charge pump
Feedback voltage accuracy : +/-11%
Switching frequency : 600kHz
Buffer amplifier
Output short-circuit current : +/-100mA
Protection circuit
Soft start
Over current protection
Under voltage lock out protection
Thermal shut down
3mm x 3mm QFN 16pin package
Block Diagram
1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
Exposed Thermal Pad
VGL_OUT
VREF
AGND
RST
FB
VCC
LX
PGND
1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
Exposed Thermal Pad
VGL_OUT
VREF
AGND
RST
FB
VCC
LX
PGND
(Top view)
17 GNDEXP


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn