Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THV6530 Datasheet(PDF) 9 Page - THine Electronics, Inc.

Part No. THV6530
Description  THV6530 is a controller IC power supply system with
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV6530 Datasheet(HTML) 9 Page - THine Electronics, Inc.

Back Button THV6530 Datasheet HTML 3Page - THine Electronics, Inc. THV6530 Datasheet HTML 4Page - THine Electronics, Inc. THV6530 Datasheet HTML 5Page - THine Electronics, Inc. THV6530 Datasheet HTML 6Page - THine Electronics, Inc. THV6530 Datasheet HTML 7Page - THine Electronics, Inc. THV6530 Datasheet HTML 8Page - THine Electronics, Inc. THV6530 Datasheet HTML 9Page - THine Electronics, Inc. THV6530 Datasheet HTML 10Page - THine Electronics, Inc. THV6530 Datasheet HTML 11Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
THine Electronics, Inc.
9/11
Copyright© 2013 THine Electronics, Inc. All rights reserved.
THL6530_Rev.1.00_E
Soft start (SS)
The boost converter carries the soft start function in
order to prevent the rush current at a start-up. This
function is to raise output voltage slowly. It is because
overshooting and rush current occur when input voltage
is inputted.
The soft-start time of the boost controller is 7ms, and the
soft-start time of positive and negative charge pump is
5ms.
Over current protection (OCP)
In order to restrict the over-current by the abnormalities
of load, etc., the over-current protection circuit is built in.
Over-current detection of pulse-by-pulse system is
adopted. An output transistor is turned off if the current
which flows into an output transistor reaches boost
converter limit current (Ilim). An over-current protection
circuit detects the peak current of an inductor.
Input-and-output voltage and ripple current is taken into
consideration.
Thermal shut down (TSD)
In order to prevent destruction by heat, the thermal
shutdown circuit is built in. If the junction temperature
Tj is 125oC or more, the thermal shutdown circuit will
operate and it will stop switching operation. Moreover,
the hysteresis of a thermal shutdown circuit is 15oC. If Tj
falls, output voltage will return.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn