Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLM Datasheet(PDF) 2 Page - TOKO, Inc

Part # LLM
Description  TOKO?셲 LLM2520/LLM3225 is a wire-wound small chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLM Datasheet(HTML) 2 Page - TOKO, Inc

  LLM Datasheet HTML 1Page - TOKO, Inc LLM Datasheet HTML 2Page - TOKO, Inc LLM Datasheet HTML 3Page - TOKO, Inc LLM Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NUMBERING SYSTEM
品番構成
REEL PACKAGING
リールパッケージ
(1) Chip's placing
Chip Inductors are packaged into 8mm width, 4mm pitch
plastic or paper tape then enclosed by cover tape.
(2) Carriage hole position
Carriage hole position is right side of tape when sealing
tape is up side.
(1) チップ装置
チップインダクタは、8mm幅・4mmピッチのプラスチッ
クテープ中または紙テープに収納され、カバーテープを
貼り付けることにより保持されています。
(2) 送り穴位置
テープの送り穴は、テープを手前に引き出したとき、
右側となります。
■Tape dimensions (Unit: mm)/テープ寸法(単位:mm)
■Reel dimensions (Unit: mm)/リール寸法(単位:mm)
Type
A
B
C
T1
T2
Material (Tape)
QTY
LLM2520
LLB2520
2.3
2.7
1.95
LLM3225
4.0
2.8
3.55
0.3
2.55
Plastic
プラスチック
2,000
Pcs/reel
Note: Typical dimensions
注:寸法表示はTyp.値です。
Label: Customer's P/N, Q'ty, TOKO P/N, TOKO, INC.
 ラベル:お取引先様部品番号、数量、弊社品番および弊社名が
表示されています。
Wire Wound Chip Inductors
巻線チップインダクタ


Similar Part No. - LLM

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LLM215 MURATA-LLM215 Datasheet
132Kb / 8P
   Chip Monolithic Ceramic Capacitors
logo
Murata Manufacturing Co...
LLM215 MURATA1-LLM215 Datasheet
138Kb / 1P
   MURATA Low ESL Ceramic Chip Capacitors
LLM215C70G105MA11L MURATA1-LLM215C70G105MA11L Datasheet
138Kb / 1P
   MURATA Low ESL Ceramic Chip Capacitors
LLM215C70G225ME11L MURATA1-LLM215C70G225ME11L Datasheet
138Kb / 1P
   MURATA Low ESL Ceramic Chip Capacitors
LLM215R70J224MA11L MURATA1-LLM215R70J224MA11L Datasheet
138Kb / 1P
   MURATA Low ESL Ceramic Chip Capacitors
More results

Similar Description - LLM

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT274F CT-CT274F Datasheet
196Kb / 1P
   Chip Beads - Wire-wound
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com