Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33035CP Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # MC33035CP
Description  TIGER ELECTRONIC CO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MC33035CP Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  MC33035CP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MC33035CP Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
续上表
规 范 值
参 数 名 称
符 号
测 试 条 件
最小
典型
最大
单 位
振荡器
振荡频率
fOSC
22
25
28
kHz
频率随电压的
改变
fOSC/
V
VCC=10~30V
0.01
5
%
锯齿波峰电压
VOSC P
4.1
4.5
V
锯齿波谷电压
VOSC V
1.2
1.5
V
逻辑输入
输入门限电压
高态
低态
VIH
VIL
测 3 4 5 6 7 22
23 脚
3.0
0.8
V
传感器输入电
高态
低态
IIH
IIL
测 4 5 6 脚
VIH=5.0V
VIL=0V
-150
-600
-70
-337
-20
-150
uA
F/R
Select 和
Brake 端输入电
高态
低态
IIH
IIL
测 3 22 23 脚
VIH=5.0V
VIL=0V
-75
-300
-36
-175
-10
-75
uA
输出使能端输
入电流
高态
低态
IIH
IIL
测 7 脚
VIH=5.0V
VIL=0V
-60
-60
-29
-29
-10
-10
uA
限流比较器
门限电压
Vth
85
101
115
mV
输入共模电压
范围
VICR
3.0
V
输入偏置电流
IIB
-0.9
-5.0
uA
输出和功率部分
上驱动输出管
饱和压降
VCE sat
Isink=25mA
0.5
1.5
V
上驱动输出管
漏电流
IDRV leak
VCE=30V
0.06
100
uA
接下表


Similar Part No. - MC33035CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33035 ONSEMI-MC33035 Datasheet
649Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
April, 2004 ??Rev. 7
MC33035 ONSEMI-MC33035 Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
MC33035 ONSEMI-MC33035 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
MC33035DW ONSEMI-MC33035DW Datasheet
649Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
April, 2004 ??Rev. 7
MC33035DW ONSEMI-MC33035DW Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
More results

Similar Description - MC33035CP

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TL494CN TGS-TL494CN Datasheet
602Kb / 7P
   TIGER ELECTRONIC CO
TA31002 TGS-TA31002 Datasheet
158Kb / 4P
   TIGER ELECTRONIC CO
ET62429 TGS-ET62429 Datasheet
173Kb / 5P
   TIGER ELECTRONIC
logo
Samtec, Inc
TFSD-05-28-H-10.00-T SAMTEC-TFSD-05-28-H-10.00-T Datasheet
224Kb / 1P
   TIGER EYE DISCRETE CABLE ASSEMBLY
MMS-105-02-T-SV SAMTEC-MMS-105-02-T-SV Datasheet
498Kb / 1P
   TIGER CLAW??SOCKET STRIP
SFM-105-01-S-D-LC SAMTEC-SFM-105-01-S-D-LC Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-105-02-S-D-A SAMTEC-SFM-105-02-S-D-A Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFSD-05-28-H-10.00-SR SAMTEC-SFSD-05-28-H-10.00-SR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
TCSD-05-D-06.00-01-N SAMTEC-TCSD-05-D-06.00-01-N Datasheet
185Kb / 1P
   TIGER EYE??IDC SOCKET CABLE
SSM-116-F-DV SAMTEC-SSM-116-F-DV Datasheet
994Kb / 1P
   TIGER CLAW??SURFACE MOUNT SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com