Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2492 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2492
Description  -227 dBc/Hz Normalized PLL Noise
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2492 Datasheet(HTML) 3 Page - Texas Instruments

  LMX2492 Datasheet HTML 1Page - Texas Instruments LMX2492 Datasheet HTML 2Page - Texas Instruments LMX2492 Datasheet HTML 3Page - Texas Instruments LMX2492 Datasheet HTML 4Page - Texas Instruments LMX2492 Datasheet HTML 5Page - Texas Instruments LMX2492 Datasheet HTML 6Page - Texas Instruments LMX2492 Datasheet HTML 7Page - Texas Instruments LMX2492 Datasheet HTML 8Page - Texas Instruments LMX2492 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
CE
24
14
15
13
16
17
18
19
20
23
21
22
7
12
11
8
10
9
5
4
6
3
2
1
Pin 0
(Ground Substrate)
CLK
DATA
LE
MUXout
Vcc
Vcc
Fin*
Fin
GND
GND
GND
LMX2492, LMX2492-Q1
www.ti.com
SNAS624A – MARCH 2014 – REVISED JUNE 2014
6 Pin Configuration and Functions
24 Pin
RTW Package
(Top View)
Pin Functions
TERMINAL
TYPE
DESCRIPTION
NUMBER
NAME
0
DAP
GND
Die Attach Pad. Connect to PCB ground plane.
1
GND
GND
Ground for charge pump.
2,3
GND
GND
Ground for Fin Buffer
Complimentary high frequency input pins. Should be AC coupled. If driving single-ended,
Fin
4,5
Input
impedance as seen from Fin and Fin* pins looking outwards from the part should be roughly the
Fin*
same.
6
Vcc
Supply
Power Supply for Fin Buffer
7
Vcc
Supply
Supply for On-chip LDOs
8
Vcc
Supply
Supply for OSCin Buffer
9
OSCin
Input
Reference Frequency Input
Complimentary input for OSCin.
GND/
10
GND/Input
If not used, it is recommended to match the termination as seen from the OSCin terminal looking
OSCin*
outwards. However, this may also be grounded as well.
11
GND
GND
Ground for OSCin Buffer
12
MOD
Input/Output Multiplexed Input/Output Pins for Ramp Triggers, FSK/PSK Modulation, FastLock, and Diagnostics
13
CE
Input
Chip Enable
14
CLK
GND
Serial Programming Clock.
15
DATA
GND
Serial Programming Data
16
LE
Input
Serial Programming Latch Enable
17
MUXout
Input/Output Multiplexed Input/Output Pins for Ramp Triggers, FSK/PSK Modulation, FastLock, and Diagnostics
18
Vcc
Supply
Supply for delta sigma engine.
19
Vcc
Supply
Supply for general circuitry.
20
TRIG1
Input/Output Multiplexed Input/Output Pins for Ramp Triggers, FSK/PSK Modulation, FastLock, and Diagnostics
21
TRIG2
Input/Output Multiplexed Input/Output Pins for Ramp Triggers, FSK/PSK Modulation, FastLock, and Diagnostics
22
Vcp
Supply
Power Supply for the charge pump.
23
Rset
NC
No connect.
24
CPout
Output
Charge Pump Output
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMX2492 LMX2492-Q1


Similar Part No. - LMX2492

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2492 TI1-LMX2492 Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
LMX2492-Q1 TI1-LMX2492-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
LMX2492-Q1RTW TI-LMX2492-Q1RTW Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
LMX2492-Q1 TI-LMX2492-Q1_15 Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
LMX2492QRTWRQ1 TI1-LMX2492QRTWRQ1 Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
More results

Similar Description - LMX2492

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2871 MAXIM-MAX2871 Datasheet
1Mb / 28P
   Low Normalized Inband Phase Noise of -230dBc/Hz
Rev 2; 5/16
logo
Analog Devices
HMC432 AD-HMC432 Datasheet
354Kb / 6P
   Ultra Low SSB Phase Noise: -148 dBc/Hz
logo
Crystek Corporation
CVPD-922 CRYSTEKCRYSTAL-CVPD-922_17 Datasheet
319Kb / 2P
   Ultra-Low Noise LVPECL VCXO with -162 dBc/Hz Noise Floor
logo
Advanced XTAL Products
AXIOM5151 AXTAL-AXIOM5151 Datasheet
134Kb / 4P
   OCXO with Ultra-Low Phase Noise Floor of -180 dBc/Hz
AXIOM5050ULN AXTAL-AXIOM5050ULN Datasheet
115Kb / 4P
   OCXO with Ultra-Low Phase Noise Floor of -180 dBc/Hz
logo
QUARTZCOM the communica...
OCO-M36BS QUARTZCOM-OCO-M36BS Datasheet
138Kb / 1P
   Through hole OCXO Sine wave Low phase noise ??floor of < -165 dBc/Hz
logo
Tyco Electronics
B-227 MACOM-B-227 Datasheet
80Kb / 1P
   B-227 3PDT, Center Off, 60 Amps, 115/200 VAC, 400 Hz
logo
Pasternack Enterprises,...
PE1V34000 PASTERNACK-PE1V34000 Datasheet
477Kb / 7P
   Voltage Controlled Oscillator (VCO) From 4 GHz to 8 GHz, Phase Noise of -95 dBc/Hz and SMA
PE1V34001 PASTERNACK-PE1V34001 Datasheet
474Kb / 7P
   Voltage Controlled Oscillator (VCO) From 5 GHz to 10 GHz, Phase Noise of -93 dBc/Hz and SMA
PE1V31005 PASTERNACK-PE1V31005 Datasheet
513Kb / 6P
   Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and SMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com