Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK0482X Datasheet(PDF) 5 Page - Texas Instruments

Part # LMK0482X
Description  JEDEC JESD204B Support
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK0482X Datasheet(HTML) 5 Page - Texas Instruments

  LMK0482X Datasheet HTML 1Page - Texas Instruments LMK0482X Datasheet HTML 2Page - Texas Instruments LMK0482X Datasheet HTML 3Page - Texas Instruments LMK0482X Datasheet HTML 4Page - Texas Instruments LMK0482X Datasheet HTML 5Page - Texas Instruments LMK0482X Datasheet HTML 6Page - Texas Instruments LMK0482X Datasheet HTML 7Page - Texas Instruments LMK0482X Datasheet HTML 8Page - Texas Instruments LMK0482X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
LMK04821, LMK04826, LMK04828
www.ti.com
SNAS605AQ – MARCH 2013 – REVISED AUGUST 2014
5 Device Comparison Table
5.1 Device Configuration Information
PLL2
REF-
OSCout (BUFFERED
PROGRAMMABLE
ERENCE
PART NUMBER
OSCin Clock) LVDS/
VCO0 FREQUENCY
VCO1 FREQUENCY
LVDS/LVPECL/HSDS
LVPECL/ LVCMOS (1)
INPUTS(1)
OUTPUTS
VCO1_DIV = ÷2
1460 to 1540 MHz
VCO1_DIV = ÷3
974 to 1026 MHz
VCO1_DIV = ÷4
730 to 770 MHz
VCO1_DIV = ÷5
LMK04821
Up to 3
Up to 1
14
1930 to 2075 MHz
584 to 616 MHz
VCO1_DIV = ÷6
487 to 513 MHz
VCO1_DIV = ÷7
418 to 440 MHz
VCO1_DIV = ÷8
365 to 385 MHz
LMK04826B
Up to 3
Up to 1
14
1840 to 1970 MHz
2440 to 2505 MHz
LMK04828B
Up to 3
Up to 1
14
2370 to 2630 MHz
2920 to 3080 MHz
(1)
OSCout may also be third clock input, CLKin2.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMK04821 LMK04826 LMK04828


Similar Part No. - LMK0482X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04821NKDR TI1-LMK04821NKDR Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04821NKDT TI1-LMK04821NKDT Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04826 TI1-LMK04826 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04826B TI-LMK04826B Datasheet
2Mb / 101P
[Old version datasheet]   LMK0482xB Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
More results

Similar Description - LMK0482X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7043 AD-HMC7043 Datasheet
919Kb / 44P
   JEDEC JESD204B support
LTC6952 AD-LTC6952 Datasheet
949Kb / 80P
   Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
LTC6953 AD-LTC6953 Datasheet
747Kb / 56P
   Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
logo
Texas Instruments
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
[Old version datasheet]   LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com