Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCL1810ARGZT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. CDCL1810ARGZT
Description  Single 1.8 V Supply
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810ARGZT Datasheet(HTML) 1 Page - Texas Instruments

  CDCL1810ARGZT Datasheet HTML 1Page - Texas Instruments CDCL1810ARGZT Datasheet HTML 2Page - Texas Instruments CDCL1810ARGZT Datasheet HTML 3Page - Texas Instruments CDCL1810ARGZT Datasheet HTML 4Page - Texas Instruments CDCL1810ARGZT Datasheet HTML 5Page - Texas Instruments CDCL1810ARGZT Datasheet HTML 6Page - Texas Instruments CDCL1810ARGZT Datasheet HTML 7Page - Texas Instruments CDCL1810ARGZT Datasheet HTML 8Page - Texas Instruments CDCL1810ARGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SDA/SCL
Differential
LVDSInput
Upto650MHz
5Differential
CMLOutputs
Upto650MHz
5Differential
CMLOutputs
Upto650MHz
DIVIDER
DIVIDER
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CDCL1810A
SLLSEL1 – NOVEMBER 2014
CDCL1810A 1.8V, 10 Output, High-Performance Clock Distributor
1 Features
3 Description
The
CDCL1810A
is
a
high-performance
clock
1
Single 1.8 V Supply
distributor. The programmable dividers, P0 and P1,
High-Performance Clock Distributor with 10
give a high flexibility to the ratio of the output
Outputs
frequency to the input frequency: FOUT = FIN/P, where
Low Input-to-Output Additive Jitter: as low as 10fs
P (P0,P1) = 1, 2, 4, 5, 8, 10, 16, 20, 32, 40, 80.
RMS
The CDCL1810A supports one differential LVDS
Low-Voltage Differential Signaling (LVDS) Input,
clock input and a total of 10 differential CML outputs.
100
Ω Differential On-Chip Termination, up to 650
The CML outputs are compatible with LVDS receivers
MHz Frequency
if they are ac-coupled.
Differential Current Mode Logic (CML) Outputs,
With careful observation of the input voltage swing
50
Ω Single-Ended On-Chip Termination, up to
and common-mode voltage limits, the CDCL1810A
650 MHz Frequency
can support a single-ended clock input as outlined in
Pin Configuration and Functions.
Two Groups of Five Outputs Each with
Independent Frequency Division Ratios
All device settings are programmable through the
SDA/SCL,
serial
two-wire
interface.
The
serial
Output Frequency Derived with Divide Ratios of 1,
interface is 1.8V tolerant only.
2, 4, 5, 8, 10, 16, 20, 32, 40, and 80
Meets ANSI TIA/EIA-644-A-2001 LVDS Standard
The device operates in a 1.8V supply environment
Requirements
and is characterized for operation from –40°C to
+85°C. The CDCL1810A is available in a 48-pin QFN
Power Consumption: 410 mW Typical
(RGZ) package.
Output Enable Control for Each Output
SDA/SCL Device Management Interface
Device Information(1)
48-pin VQFN (RGZ) Package
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCL1810A
VQFN (48)
7.00 mm × 7.00 mm
Industrial Temperature Range: –40°C to +85°C
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the datasheet.
Clock Distribution for High-Speed SERDES
Distribution of SERDES Reference Clocks for
1G/10G Ethernet, 1X/2X/4X/10X Fibre Channel,
PCI Express, Serial ATA, SONET, CPRI, OBSAI,
and so forth
Up to 1-to-10 Clock Buffering and Fan-out
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDCL1810ARGZT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810 TI1-CDCL1810 Datasheet
980Kb / 33P
[Old version datasheet]   Output, High-Performance Clock Distributor
CDCL1810RGZR TI-CDCL1810RGZR Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810RGZR TI1-CDCL1810RGZR Datasheet
980Kb / 33P
[Old version datasheet]   Output, High-Performance Clock Distributor
CDCL1810RGZRG4 TI-CDCL1810RGZRG4 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
More results

Similar Description - CDCL1810ARGZT

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
First Components International
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
Linear Technology
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
ON Semiconductor
ON Semiconductor
NB7VPQ701M ONSEMI-NB7VPQ701M Datasheet
856Kb / 10P
   1.8 V USB 3.1 Single Channel Re-driver
October, 2016 ??Rev. 2
Texas Instruments
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
Analog Devices
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 36P
   Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
REV. 0
ADCMP573 AD-ADCMP573 Datasheet
412Kb / 16P
   Ultrafast 3.3 V Single-Supply Comparators
Rev. PrB
STMicroelectronics
STMicroelectronics
AN2612 STMICROELECTRONICS-AN2612 Datasheet
1Mb / 28P
   Single 5-V DC power supply
Texas Instruments
Texas Instruments
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz