Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-5611BX-34 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-5611BX-34
Description  0.56 Inch (14.22mm) digit height, Single Digit SMD Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-5611BX-34 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-5611BX-34 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5611BX-34 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5611BX-34 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5611BX-34 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5611BX-34 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5611BX-34 Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page
4/6
Max
Emitting Color
Dice
Material
2.50
Value
Reverse Voltage
VR
IR=30
4.40
X=0.29,Y=0.30
3.80
UB
460nm
(Ta=25
℃)
FYLS-5611A/BX-XX
A
Model No.
:FYLS-5611A/BX-XX
30
■ Absolute maximum ratings
(Ta=25
℃)
3.80
570nm
470nm
590nm
520nm
505nm
GaAsP
2.50
AlGaAs/DH
650nm
2.50
Tstr
+85
Operating Temperature
Max
Unit
Test Condition
AlGaInP
625nm
2.50
2.50
2.50
AlGaInP
30~60~80
260~310
260~310
InGaN
40~100~150
50~140~190
InGaN
X=0.29,Y=0.30
3.80
180~200
0.7~1(mw)
60~120
20~30
InGaN
AlGaInP
640nm
30~60
430nm
6~12(mw)
60~100
3.80
460nm
520nm
InGaN
60nm
3.80
3.80
635nm
B
Blue
InGaN
Ultra brightness
Http://www.foryard.com
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
610nm
6~12(mw)
4~6(mw)
470nm
80~90~120
3.80
80~90~120
Ultra Blue
GaP
100
V
Pd
Parameter
Forward Current
IF
Power Dissipation
Symbol
mA
mW
14~18
570nm
590nm
15~20
14~20
610nm
1
Luminous
Intensity
(Iv)
Unit:mcd
26~38
13~18
625nm
2.50
2.50
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
Standard brightness
Forward
Voltage(VF) Unit:V
AlGaAs/SH
660nm
700nm
GaP
2.50
+85
13~18
mA
150
2.50
Storage Temperature
Topr
Ipeak
Duty=0.1mS,1KHz
GaAsP
GaAsP
Pulse Current


Similar Part No. - FYLS-5611BX-34

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-5050PG3C FORYARD-FYLS-5050PG3C Datasheet
456Kb / 8P
   SMD led lamp
FYLS-5050RGB FORYARD-FYLS-5050RGB Datasheet
206Kb / 5P
   SMD
FYLS-5050RGBC FORYARD-FYLS-5050RGBC Datasheet
477Kb / 8P
   SMD led lamp
FYLS-5050UB3C FORYARD-FYLS-5050UB3C Datasheet
455Kb / 8P
   SMD led lamp
FYLS-5050UR3C FORYARD-FYLS-5050UR3C Datasheet
457Kb / 9P
   SMD led lamp
More results

Similar Description - FYLS-5611BX-34

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLT-5631AX-00 FORYARD-FYLT-5631AX-00 Datasheet
468Kb / 6P
   0.56 Inch (14.22mm) digit height, Three Digits SMD Display
FYLQ-5641AX-00 FORYARD-FYLQ-5641AX-00 Datasheet
469Kb / 6P
   0.56 Inch (14.22mm) digit height, Four Digits SMD Display
logo
Lite-On Technology Corp...
LTC-561HR LITEON-LTC-561HR Datasheet
126Kb / 7P
   0.56 inch (14.22mm) DIGIT HEIGHT
logo
Ningbo Foryard Optoelec...
FYLD-5621AX-00 FORYARD-FYLD-5621AX-00 Datasheet
448Kb / 6P
   0.56 Inch (14.22mm) digit height, Double Digits SMD Display
logo
Lite-On Technology Corp...
LSHD-5601 LITEON-LSHD-5601 Datasheet
130Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT
LTD-5521AB LITEON-LTD-5521AB Datasheet
138Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT
LTD-5523AB LITEON-LTD-5523AB Datasheet
138Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT
LTS-6780P LITEON-LTS-6780P Datasheet
139Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT.
logo
China Semiconductor Cor...
CSS-S56124A9 CHINASEMI-CSS-S56124A9 Datasheet
239Kb / 7P
   0.56 Inch Single Digit SMD Display
CSS-S56124V9 CHINASEMI-CSS-S56124V9 Datasheet
228Kb / 7P
   0.56 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com