Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYQ-2541BX-13 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYQ-2541BX-13
Description  0.25Inch (6.20mm) digit height Four Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYQ-2541BX-13 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYQ-2541BX-13 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-2541BX-13 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-2541BX-13 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-2541BX-13 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-2541BX-13 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.46[.018]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1°unless otherwise noted.
3. Bending≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page: 2/5
FYQ-2541A/BX-XX
A
4
○ Yellow
○ Green
REF Surface Color
○ White
Epoxy Color
Color
Number
0
○ Water Clear
Http://www.foryard.com
Model No.:
:FYQ-2541A/BX-XX


Similar Part No. - FYQ-2541BX-13

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-2541CX-00 FORYARD-FYQ-2541CX-00 Datasheet
382Kb / 5P
   0.25Inch (6.20mm) digit height Four Digits Display
FYQ-2541CX-01 FORYARD-FYQ-2541CX-01 Datasheet
382Kb / 5P
   0.25Inch (6.20mm) digit height Four Digits Display
FYQ-2541CX-02 FORYARD-FYQ-2541CX-02 Datasheet
382Kb / 5P
   0.25Inch (6.20mm) digit height Four Digits Display
FYQ-2541CX-03 FORYARD-FYQ-2541CX-03 Datasheet
382Kb / 5P
   0.25Inch (6.20mm) digit height Four Digits Display
FYQ-2541CX-04 FORYARD-FYQ-2541CX-04 Datasheet
382Kb / 5P
   0.25Inch (6.20mm) digit height Four Digits Display
More results

Similar Description - FYQ-2541BX-13

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-2541IX-00 FORYARD-FYQ-2541IX-00 Datasheet
404Kb / 5P
   0.25Inch (6.20mm) digit height Four Digits Display
FYQ-2541EX-00 FORYARD-FYQ-2541EX-00 Datasheet
388Kb / 5P
   0.25Inch (6.20mm) digit height Four Digits Display
FYQ-2541GX-00 FORYARD-FYQ-2541GX-00 Datasheet
404Kb / 5P
   0.25Inch (6.20mm) digit height Four Digits Display
FYQ-2541KX-00 FORYARD-FYQ-2541KX-00 Datasheet
410Kb / 5P
   0.25Inch (6.20mm) digit height Four Digits Display
FYQ-2541CX-00 FORYARD-FYQ-2541CX-00 Datasheet
382Kb / 5P
   0.25Inch (6.20mm) digit height Four Digits Display
logo
Kingbright Corporation
CC25-12GWA KINGBRIGHT-CC25-12GWA Datasheet
177Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CC25-12EWA KINGBRIGHT-CC25-12EWA Datasheet
164Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CC25-11YWA KINGBRIGHT-CC25-11YWA Datasheet
151Kb / 4P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CA25-11EWA KINGBRIGHT-CA25-11EWA_06 Datasheet
160Kb / 4P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR06C4-A SUNLED-DMR06C4-A Datasheet
231Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com