Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYD-2821BX-11 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYD-2821BX-11
Description  0.28Inch (7.00mm) digit height Double Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYD-2821BX-11 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYD-2821BX-11 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-2821BX-11 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-2821BX-11 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-2821BX-11 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-2821BX-11 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
Power Dissipation
+85
Operating Temperature
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
Parameter
Value
Luminous
Intensity
(Iv)
Unit:mcd
590nm
610nm
Forward
Voltage(VF) Unit:V
Max
(Ta=25℃)
Spectral
Line
halfwidth(∆
λ1/2)
14~20
1
13~18
2.50
26~38
2.50
Emitting Color
625nm
GaAsP
GaAsP
Peak Wave
Length(λP)
AlGaAs/DH
650nm
Dice
Material
GaAsP
570nm
GaP
2.50
InGaN
3.80
Http://www.foryard.com
470nm
4.40
60nm
3.80
2.50
0.7~1(mw)
60~120
20-30
260~310
2.50
13~18
14~18
AlGaInP
570nm
3.80
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
UB
460nm
3.80
6~12(mw)
Ultra Blue
InGaN
B
Blue
InGaN
Ultra brightness
430nm
6~12(mw)
4~6(mw)
470nm
460nm
520nm
InGaN
X=0.29,Y=0.30
AlGaInP
X=0.29,Y=0.30
590nm
AlGaInP
2.50
180~200
3.80
505nm
260~310
60~100
50~140~190
30~60~80
InGaN
80~90~120
3.80
80~90~120
640nm
30~60
520nm
40~100~150
625nm
610nm
2.50
635nm
2.50
3.80
mA
150
15~20
2.50
Standard brightness
AlGaAs/SH
660nm
700nm
GaP
2.50
+85
Unit
Model No.:
:FYD-2821A/BX-XX
Topr
Storage Temperature
mA
mW
Tstr
100
Pd
30
FYD-2821A/BX-XX
Reverse Voltage
VR
IR=30
(Ta=25℃)
Max
Symbol
Test Condition
■ Absolute maximum ratings
V
A


Similar Part No. - FYD-2821BX-11

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-15021ABX-XX FORYARD-FYD-15021ABX-XX Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYD-15021AX FORYARD-FYD-15021AX Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYD-15021AX-0 FORYARD-FYD-15021AX-0 Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYD-15021AX-00 FORYARD-FYD-15021AX-00 Datasheet
346Kb / 5P
   1.40Inch (35.00mm) digit height Double Digits Display
FYD-15021AX-01 FORYARD-FYD-15021AX-01 Datasheet
346Kb / 5P
   1.40Inch (35.00mm) digit height Double Digits Display
More results

Similar Description - FYD-2821BX-11

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-2841IX-00 FORYARD-FYQ-2841IX-00 Datasheet
423Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841OX-00 FORYARD-FYQ-2841OX-00 Datasheet
424Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841KX-00 FORYARD-FYQ-2841KX-00 Datasheet
418Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841MX-00 FORYARD-FYQ-2841MX-00 Datasheet
422Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841AX-00 FORYARD-FYQ-2841AX-00 Datasheet
420Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841GX-00 FORYARD-FYQ-2841GX-00 Datasheet
418Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841CX-00 FORYARD-FYQ-2841CX-00 Datasheet
426Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYT-2831AX-00 FORYARD-FYT-2831AX-00 Datasheet
430Kb / 5P
   0.28 Inch (7.00mm) digit height Three Digits Display
FYD-5622AX-00 FORYARD-FYD-5622AX-00 Datasheet
399Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622EX-00 FORYARD-FYD-5622EX-00 Datasheet
397Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com