Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYD-5621GX-12 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYD-5621GX-12
Description  0.56Inch (14.20mm) digit height Double Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYD-5621GX-12 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYD-5621GX-12 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621GX-12 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621GX-12 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621GX-12 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621GX-12 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
180~200
100
V
Pd
3.80
470nm
505nm
30~60~80
520nm
3.80
80~90~120
260~310
2.50
Storage Temperature
Topr
mA
mW
(Ta=25℃)
FYD-5621G/HX-XX
A
■ Absolute maximum ratings
(Ta=25℃)
Dice
Material
Operating Temperature
30
15~20
1
AlGaAs/SH
660nm
700nm
GaP
VR
IR=30
Model No.:
:FYD-5621G/HX-XX
Symbol
Parameter
Value
Reverse Voltage
Max
Test Condition
650nm
2.50
+85
Unit
Tstr
Max
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
Forward
Voltage(VF) Unit:V
mA
150
2.50
+85
Standard brightness
Emitting Color
2.50
2.50
InGaN
X=0.29,Y=0.30
UB
460nm
635nm
3.80
570nm
InGaN
AlGaInP
590nm
13~18
0.7~1(mw)
60~120
20-30
260~310
30~60
80~90~120
14~20
60~100
50~140~190
13~18
14~18
GaAsP
GaAsP
2.50
2.50
GaP
570nm
590nm
2.50
430nm
6~12(mw)
40~100~150
610nm
2.50
AlGaInP
460nm
520nm
InGaN
60nm
3.80
3.80
4.40
Http://www.foryard.com
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
610nm
6~12(mw)
4~6(mw)
Ultra Blue
B
Blue
InGaN
Ultra brightness
X=0.29,Y=0.30
3.80
InGaN
640nm
470nm
AlGaInP
625nm
3.80
625nm
GaAsP
Luminous
Intensity
(Iv)
Unit:mcd
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
Power Dissipation
26~38
2.50
AlGaAs/DH


Similar Part No. - FYD-5621GX-12

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-5621GX-1 FORYARD-FYD-5621GX-1 Datasheet
363Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYD-5621GX-12

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-5621CX-00 FORYARD-FYD-5621CX-00 Datasheet
361Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621EX-00 FORYARD-FYD-5621EX-00 Datasheet
357Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621IX-00 FORYARD-FYD-5621IX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621KX-00 FORYARD-FYD-5621KX-00 Datasheet
358Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5623CX-00 FORYARD-FYD-5623CX-00 Datasheet
364Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621AX-00 FORYARD-FYD-5621AX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622CX-00 FORYARD-FYD-5622CX-00 Datasheet
399Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5623AX-00 FORYARD-FYD-5623AX-00 Datasheet
364Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622AX-00 FORYARD-FYD-5622AX-00 Datasheet
399Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622EX-00 FORYARD-FYD-5622EX-00 Datasheet
397Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com