Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYD-2821AX-24 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYD-2821AX-24
Description  0.28Inch (7.00mm) digit height Double Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYD-2821AX-24 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYD-2821AX-24 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-2821AX-24 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-2821AX-24 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-2821AX-24 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-2821AX-24 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page: 1/5
■RoHS compliant.
CHECKED BY
APPROVED BY
PREPARED BY
FYD-2821A/BX-XX
A
PRODUCT SPECIFICATION
Model No.:
:FYD-2821A/BX-XX
Descriptions & Features:
■Low current operation
■Low power consumption.
■0.28Inch (7.00mm) digit height Double Digits Display
Http://www.foryard.com
■Case mold type.
■Easy mounting on P.C. board or socket.
CUSTOMER APPROVED
SIGNATURES


Similar Part No. - FYD-2821AX-24

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-15021ABX-XX FORYARD-FYD-15021ABX-XX Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYD-15021AX FORYARD-FYD-15021AX Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYD-15021AX-0 FORYARD-FYD-15021AX-0 Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYD-15021AX-00 FORYARD-FYD-15021AX-00 Datasheet
346Kb / 5P
   1.40Inch (35.00mm) digit height Double Digits Display
FYD-15021AX-01 FORYARD-FYD-15021AX-01 Datasheet
346Kb / 5P
   1.40Inch (35.00mm) digit height Double Digits Display
More results

Similar Description - FYD-2821AX-24

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-2841IX-00 FORYARD-FYQ-2841IX-00 Datasheet
423Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841OX-00 FORYARD-FYQ-2841OX-00 Datasheet
424Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841KX-00 FORYARD-FYQ-2841KX-00 Datasheet
418Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841MX-00 FORYARD-FYQ-2841MX-00 Datasheet
422Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841AX-00 FORYARD-FYQ-2841AX-00 Datasheet
420Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841GX-00 FORYARD-FYQ-2841GX-00 Datasheet
418Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841CX-00 FORYARD-FYQ-2841CX-00 Datasheet
426Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYT-2831AX-00 FORYARD-FYT-2831AX-00 Datasheet
430Kb / 5P
   0.28 Inch (7.00mm) digit height Three Digits Display
FYD-5622AX-00 FORYARD-FYD-5622AX-00 Datasheet
399Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622EX-00 FORYARD-FYD-5622EX-00 Datasheet
397Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com