Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYD-5621IX-10 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYD-5621IX-10
Description  0.56Inch (14.20mm) digit height Double Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYD-5621IX-10 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYD-5621IX-10 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621IX-10 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621IX-10 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621IX-10 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-5621IX-10 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page: 3/5
Model No.:
:FYD-5621I/JX-XX
A
FYD-5621I/JX-XX
Http://www.foryard.com


Similar Part No. - FYD-5621IX-10

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-5621IX-1 FORYARD-FYD-5621IX-1 Datasheet
371Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYD-5621IX-10

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-5621CX-00 FORYARD-FYD-5621CX-00 Datasheet
361Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621EX-00 FORYARD-FYD-5621EX-00 Datasheet
357Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621IX-00 FORYARD-FYD-5621IX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5623CX-00 FORYARD-FYD-5623CX-00 Datasheet
364Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621AX-00 FORYARD-FYD-5621AX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622CX-00 FORYARD-FYD-5622CX-00 Datasheet
399Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5623AX-00 FORYARD-FYD-5623AX-00 Datasheet
364Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622AX-00 FORYARD-FYD-5622AX-00 Datasheet
399Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5622EX-00 FORYARD-FYD-5622EX-00 Datasheet
397Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621GX-00 FORYARD-FYD-5621GX-00 Datasheet
363Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com