Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFBA1405 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFBA1405
Description  Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBA1405 Datasheet(HTML) 8 Page - International Rectifier

  IRFBA1405 Datasheet HTML 1Page - International Rectifier IRFBA1405 Datasheet HTML 2Page - International Rectifier IRFBA1405 Datasheet HTML 3Page - International Rectifier IRFBA1405 Datasheet HTML 4Page - International Rectifier IRFBA1405 Datasheet HTML 5Page - International Rectifier IRFBA1405 Datasheet HTML 6Page - International Rectifier IRFBA1405 Datasheet HTML 7Page - International Rectifier IRFBA1405 Datasheet HTML 8Page - International Rectifier IRFBA1405 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRFBA1405P
8
www.irf.com
Peak Diode Recovery dv/dt Test Circuit
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
*
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

* Reverse Polarity of D.U.T for P-Channel
VGS
[
]
[
]
*** VGS = 5.0V for Logic Level and 3V Drive Devices
[
] ***
Fig 17. For N-channel HEXFET® power MOSFETs


Similar Part No. - IRFBA1405

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
222Kb / 10P
   Advanced Process Technology
IRFBA1405PPBF IRF-IRFBA1405PPBF_15 Datasheet
222Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRFBA1405

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFZ34N IRF-IRFZ34N Datasheet
195Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com