Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFBA1404P Datasheet(PDF) 4 Page - International Rectifier

Part # IRFBA1404P
Description  Power MOSFET(Vdss=40V, Rds(on)=3.7mohm, Id=206A)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBA1404P Datasheet(HTML) 4 Page - International Rectifier

  IRFBA1404P Datasheet HTML 1Page - International Rectifier IRFBA1404P Datasheet HTML 2Page - International Rectifier IRFBA1404P Datasheet HTML 3Page - International Rectifier IRFBA1404P Datasheet HTML 4Page - International Rectifier IRFBA1404P Datasheet HTML 5Page - International Rectifier IRFBA1404P Datasheet HTML 6Page - International Rectifier IRFBA1404P Datasheet HTML 7Page - International Rectifier IRFBA1404P Datasheet HTML 8Page - International Rectifier IRFBA1404P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRFBA1404P
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
2000
4000
6000
8000
10000
12000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
40
80
120
160
200
240
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
95A
V
= 20V
DS
V
= 32V
DS
1
10
100
1000
0.4
0.8
1.2
1.6
2.0
2.4
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
1
10
100
1000
10000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms


Similar Part No. - IRFBA1404P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1404PPBF IRF-IRFBA1404PPBF Datasheet
148Kb / 10P
   AUTOMOTIVE MOSFET HEXFET짰 Power MOSFET
IRFBA1404PPBF IRF-IRFBA1404PPBF Datasheet
205Kb / 10P
   Advanced Process Technology
IRFBA1404PPBF IRF-IRFBA1404PPBF_15 Datasheet
205Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRFBA1404P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
   Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF7470 IRF-IRF7470 Datasheet
119Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRF7471 IRF-IRF7471 Datasheet
214Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRL1404PBF IRF-IRL1404PBF Datasheet
133Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 4.0m廓 , ID = 160A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com