Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB9N60A Datasheet(PDF) 3 Page - International Rectifier

Part # IRFB9N60A
Description  Power MOSFET(Vdss=600V, Rds(on)=0.75ohm, Id=9.2A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB9N60A Datasheet(HTML) 3 Page - International Rectifier

  IRFB9N60A Datasheet HTML 1Page - International Rectifier IRFB9N60A Datasheet HTML 2Page - International Rectifier IRFB9N60A Datasheet HTML 3Page - International Rectifier IRFB9N60A Datasheet HTML 4Page - International Rectifier IRFB9N60A Datasheet HTML 5Page - International Rectifier IRFB9N60A Datasheet HTML 6Page - International Rectifier IRFB9N60A Datasheet HTML 7Page - International Rectifier IRFB9N60A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFB9N60A
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.7V
V
, Drain-to-Source Voltage (V)
DS
4.7V
1
10
100
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.7V
V
, Drain-to-Source Voltage (V)
DS
4.7V
0.1
1
10
100
4.0
5.0
6.0
7.0
8.0
9.0
10.0
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
9.2A


Similar Part No. - IRFB9N60A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB9N60A VISHAY-IRFB9N60A Datasheet
302Kb / 9P
   Power MOSFET
Rev. D, 02-May-16
IRFB9N60A VISHAY-IRFB9N60A Datasheet
303Kb / 9P
   Power MOSFET
Rev. D, 02-May-16
logo
International Rectifier
IRFB9N60A IRF-IRFB9N60A Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
logo
Inchange Semiconductor ...
IRFB9N60A ISC-IRFB9N60A Datasheet
329Kb / 2P
   iscN-Channel MOSFET Transistor
logo
International Rectifier
IRFB9N60APBF IRF-IRFB9N60APBF Datasheet
160Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRFB9N60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIB6N60A IRF-IRFIB6N60A Datasheet
149Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=0.75ohm, Id=5.5A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFPC48 IRF-IRFPC48 Datasheet
214Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.82ohm, Id=8.9A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com