Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD5716GR Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PD5716GR
Description  CMOS MMIC 4 x 2 IF SWITCH MATRIX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD5716GR Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PD5716GR Datasheet HTML 4Page - Renesas Technology Corp PD5716GR Datasheet HTML 5Page - Renesas Technology Corp PD5716GR Datasheet HTML 6Page - Renesas Technology Corp PD5716GR Datasheet HTML 7Page - Renesas Technology Corp PD5716GR Datasheet HTML 8Page - Renesas Technology Corp PD5716GR Datasheet HTML 9Page - Renesas Technology Corp PD5716GR Datasheet HTML 10Page - Renesas Technology Corp PD5716GR Datasheet HTML 11Page - Renesas Technology Corp PD5716GR Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ILLUSTRATION OF THE TEST CIRCUIT ASSEMBLED ON EVALUATION BOARD
(Top View)
(Bottom View)
C1
C1
C1
C1
C1
C1
C2
C2
C2
C2
C2
Notes
1.
50
× 53 × 0.51 mm double sided copper clad RO4003 (Rogers) board (
εr = 3.38).
2. Au plated on pattern
3.
: Through holes
4. C1, C2: 1 000 pF
Data Sheet PU10620EJ01V0DS
6
µPD5716GR


Similar Part No. - PD5716GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD5713TK RENESAS-PD5713TK Datasheet
227Kb / 14P
   WIDE BAND SPDT SWITCH
More results

Similar Description - PD5716GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPD5716GR NEC-UPD5716GR Datasheet
176Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
UPD5715GR NEC-UPD5715GR Datasheet
284Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
UPG2053K NEC-UPG2053K Datasheet
104Kb / 12P
   GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
UPG2054K NEC-UPG2054K Datasheet
144Kb / 14P
   GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
logo
Renesas Technology Corp
UPD5754T7A RENESAS-UPD5754T7A Datasheet
252Kb / 14P
   SiGe/CMOS Integrated Circuit 4 * 2 IF Switch Matrix with Gain and Tone
logo
NXP Semiconductors
TDA8540 PHILIPS-TDA8540 Datasheet
131Kb / 20P
   4 X 4 video switch matrix
1995 Feb 06
logo
Skyworks Solutions Inc.
SKY13264-340LF SKYWORKS-SKY13264-340LF Datasheet
112Kb / 3P
   4 x 2 Switch Matrix 250 MHz-2.15 GHz
SKY13272-340LF SKYWORKS-SKY13272-340LF Datasheet
544Kb / 5P
   4 x 2 Switch Matrix 250 MHz-2.15 GHz
logo
JFW Industries, Inc.
75MS-037 JFW-75MS-037 Datasheet
37Kb / 2P
   2 x 12 BLOCKING SWITCH MATRIX
75MS-030 JFW-75MS-030 Datasheet
37Kb / 2P
   2 x 6 BLOCKING SWITCH MATRIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com