Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD5742T6J Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PD5742T6J
Description  LOW NOISE AND HIGH GAIN AMPLIFIER FOR IMPEDANCE CONVERTER OF MICROPHONE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD5742T6J Datasheet(HTML) 8 Page - Renesas Technology Corp

  PD5742T6J Datasheet HTML 1Page - Renesas Technology Corp PD5742T6J Datasheet HTML 2Page - Renesas Technology Corp PD5742T6J Datasheet HTML 3Page - Renesas Technology Corp PD5742T6J Datasheet HTML 4Page - Renesas Technology Corp PD5742T6J Datasheet HTML 5Page - Renesas Technology Corp PD5742T6J Datasheet HTML 6Page - Renesas Technology Corp PD5742T6J Datasheet HTML 7Page - Renesas Technology Corp PD5742T6J Datasheet HTML 8Page - Renesas Technology Corp PD5742T6J Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data Sheet PU10743EJ01V0DS
6
μPD5742T6J
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Condition Symbol
Infrared Reflow
Peak temperature (package surface temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Time at temperature of 220
°C or higher
: 60 seconds or less
Preheating time at 120 to 180
°C
: 120
±30 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
IR260
Wave Soldering
Peak temperature (molten solder temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Preheating temperature (package surface temperature) : 120
°C or below
Maximum number of flow processes
: 1 time
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
WS260
Partial Heating
Peak temperature (terminal temperature)
: 350
°C or below
Soldering time (per side of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
HS350
Caution Do not use different soldering methods together (except for partial heating).


Similar Part No. - PD5742T6J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD5741T6J RENESAS-PD5741T6J Datasheet
201Kb / 9P
   LOW NOISE AND HIGH GAIN AMPLIFIER FOR IMPEDANCE CONVERTER OF MICROPHONE
PD5747T6J RENESAS-PD5747T6J Datasheet
198Kb / 8P
   LOW NOISE AND HIGH GAIN AMPLIFIER FOR IMPEDANCE CONVERTER OF MICROPHONE
More results

Similar Description - PD5742T6J

ManufacturerPart #DatasheetDescription
logo
NEC
UPD5747T6J NEC-UPD5747T6J Datasheet
70Kb / 6P
   LOW NOISE AND HIGH GAIN AMPLIFIER FOR IMPEDANCE CONVERTER OF MICROPHONE
logo
Renesas Technology Corp
PD5747T6J RENESAS-PD5747T6J Datasheet
198Kb / 8P
   LOW NOISE AND HIGH GAIN AMPLIFIER FOR IMPEDANCE CONVERTER OF MICROPHONE
PD5741T6J RENESAS-PD5741T6J Datasheet
201Kb / 9P
   LOW NOISE AND HIGH GAIN AMPLIFIER FOR IMPEDANCE CONVERTER OF MICROPHONE
PD5758T6J RENESAS-PD5758T6J_15 Datasheet
193Kb / 7P
   Low Noise and High Gain Amplifier IC for Impedance Converter of Microphone
UPD5758T6J RENESAS-UPD5758T6J Datasheet
182Kb / 7P
   Low Noise and High Gain Amplifier IC for Impedance Converter of Microphone
UPD5759T6J RENESAS-UPD5759T6J Datasheet
202Kb / 7P
   Low Noise and High Gain Amplifier IC for Impedance Converter of Microphone
PD5759T6J RENESAS-PD5759T6J_15 Datasheet
213Kb / 7P
   Low Noise and High Gain Amplifier IC for Impedance Converter of Microphone
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_09 Datasheet
309Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814 MAXIM-MAX9814 Datasheet
337Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
MAX9814ETD MAXIM-MAX9814ETD Datasheet
1Mb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com