Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9552L1 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS9552L1
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9552L1 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS9552L1 Datasheet HTML 5Page - Renesas Technology Corp PS9552L1 Datasheet HTML 6Page - Renesas Technology Corp PS9552L1 Datasheet HTML 7Page - Renesas Technology Corp PS9552L1 Datasheet HTML 8Page - Renesas Technology Corp PS9552L1 Datasheet HTML 9Page - Renesas Technology Corp PS9552L1 Datasheet HTML 10Page - Renesas Technology Corp PS9552L1 Datasheet HTML 11Page - Renesas Technology Corp PS9552L1 Datasheet HTML 12Page - Renesas Technology Corp PS9552L1 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet PN10589EJ07V0DS
7
PS9552,PS9552L1,PS9552L2,PS9552L3
ELECTRICAL CHARACTERISTICS (TA =
−40 to +100°C, VCC = 15 to 30 V, IF (ON) = 7 to 16 mA,
VF (OFF) =
−2 to 0.8 V, VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.3
1.65
2.1
V
Input Capacitance
CIN
f = 1 MHz, VF = 0 V, TA = 25
°C
30
pF
Detector High Level Output Current
IOH
VO = (VCC
− 4 V) *2
0.5
2.0
A
VO = (VCC
− 15 V) *3
2.0
Low Level Output Current
IOL
VO = (VEE + 2.5 V)
*2
0.5
2.0
A
VO = (VEE + 15 V)
*3
2.0
High Level Output Voltage
VOH
IO =
−100 mA *4
VCC
− 3.5 VCC − 2.5 VCC − 1.5
V
Low Level Output Voltage
VOL
IO = 100 mA
0.1
0.5
V
High Level Supply Current
ICCH
VO = open, IF = 7 to 16 mA
2.0
5.0
mA
Low Level Supply Current
ICCL
VO = open, VF =
−2 to +0.8 V
2.0
5.0
mA
UVLO Threshold
VUVLO+
VO > 5 V, IF = 10 mA
11.0
12.3
13.5
V
VUVLO−
9.5
10.7
12.0
UVLO Hysteresis
UVLOHYS VO > 5 V, IF = 10 mA
1.6
V
Coupled Threshold Input Current
(L
→ H)
IFLH
IO = 0 mA, VO > 5 V
2.0
5.0
mA
Threshold Input Voltage
(H
→ L)
VFHL
IO = 0 mA, VO < 5 V
0.8
V
*1 Typical values at TA = 25
°C.
*2 Maximum pulse width = 50
μs, Maximum duty cycle = 0.5%.
*3 Maximum pulse width = 10
μs, Maximum duty cycle = 0.2%
*4 VOH is measured with the DC load current in this testing (Maximum pulse width = 2 ms, Maximum duty cycle =
20%).
<R>


Similar Part No. - PS9552L1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552L1 CEL-PS9552L1 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552L1 NEC-PS9552L1 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552L1 CEL-PS9552L1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552L1-AX CEL-PS9552L1-AX Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552L1-AX NEC-PS9552L1-AX Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9552L1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505 RENESAS-PS9505_15 Datasheet
306Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com