Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB38N20D Datasheet(PDF) 6 Page - International Rectifier

Part # IRFB38N20D
Description  Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB38N20D Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFB38N20D Datasheet HTML 2Page - International Rectifier IRFB38N20D Datasheet HTML 3Page - International Rectifier IRFB38N20D Datasheet HTML 4Page - International Rectifier IRFB38N20D Datasheet HTML 5Page - International Rectifier IRFB38N20D Datasheet HTML 6Page - International Rectifier IRFB38N20D Datasheet HTML 7Page - International Rectifier IRFB38N20D Datasheet HTML 8Page - International Rectifier IRFB38N20D Datasheet HTML 9Page - International Rectifier IRFB38N20D Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRFB/IRFS/IRFSL38N20D
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
25
50
75
100
125
150
175
0
180
360
540
720
900
Starting Tj, Junction Temperature
( C)
°
ID
TOP
BOTTOM
11A
19A
26A


Similar Part No. - IRFB38N20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB38N20D ISC-IRFB38N20D Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
275Kb / 11P
   HEXFET Power MOSFET
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
715Kb / 11P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRFB38N20DPBF INFINEON-IRFB38N20DPBF Datasheet
589Kb / 12P
   HEXFET짰 Power MOSFET
2016-5-31
More results

Similar Description - IRFB38N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
IRFB17N20D IRF-IRFB17N20D Datasheet
194Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A)
IRFB260N IRF-IRFB260N Datasheet
90Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com