Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8101-F4 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS8101-F4
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8101-F4 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS8101-F4 Datasheet HTML 6Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 7Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 8Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 9Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 10Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 11Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 12Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 13Page - Renesas Technology Corp PS8101-F4 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet PN10260EJ06V0DS
10
PS8101
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
120±30 s
(preheating)
220
°C
180
°C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260
°C MAX.
120
°C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Soldering by Soldering Iron
• Peak Temperature (lead part temperature)
350
°C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(b) Please be sure that the temperature of the package would not be heated over 100
°C


Similar Part No. - PS8101-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101-F4 NEC-PS8101-F4 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8101-F4 NEC-PS8101-F4 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101-F4 CEL-PS8101-F4 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101-F4 RENESAS-PS8101-F4 Datasheet
250Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE
logo
California Eastern Labs
PS8101-F4 CEL-PS8101-F4 Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS8101-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101_16 Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com