Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB31N20D Datasheet(PDF) 2 Page - International Rectifier

Part # IRFB31N20D
Description  Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB31N20D Datasheet(HTML) 2 Page - International Rectifier

  IRFB31N20D Datasheet HTML 1Page - International Rectifier IRFB31N20D Datasheet HTML 2Page - International Rectifier IRFB31N20D Datasheet HTML 3Page - International Rectifier IRFB31N20D Datasheet HTML 4Page - International Rectifier IRFB31N20D Datasheet HTML 5Page - International Rectifier IRFB31N20D Datasheet HTML 6Page - International Rectifier IRFB31N20D Datasheet HTML 7Page - International Rectifier IRFB31N20D Datasheet HTML 8Page - International Rectifier IRFB31N20D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFB/IRFS/IRFSL31N20D
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
17
–––
–––
S
VDS = 50V, ID = 18A
Qg
Total Gate Charge
–––
70
110
ID = 18A
Qgs
Gate-to-Source Charge
–––
18
27
nC
VDS = 160V
Qgd
Gate-to-Drain ("Miller") Charge
–––
33
49
VGS = 10V,
„
td(on)
Turn-On Delay Time
–––
16
–––
VDD = 100V
tr
Rise Time
–––
38
–––
ID = 18A
td(off)
Turn-Off Delay Time
–––
26
–––
RG = 2.5Ω
tf
Fall Time
–––
10
–––
RD = 5.4Ω
„
Ciss
Input Capacitance
–––
2370 –––
VGS = 0V
Coss
Output Capacitance
–––
390
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
78
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
2860 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
150
–––
VGS = 0V, VDS = 160V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
170
–––
VGS = 0V, VDS = 0V to 160V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
420
mJ
IAR
Avalanche Current

–––
18
A
EAR
Repetitive Avalanche Energy

–––
20
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 18A, VGS = 0V
„
trr
Reverse Recovery Time
–––
200
300
ns
TJ = 25°C, IF = 18A
Qrr
Reverse RecoveryCharge
–––
1.7
2.6
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
31
124
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.25
–––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.082
VGS = 10V, ID = 18A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.5
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 200V, VGS = 0V
–––
–––
250
VDS = 160V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθCS
Case-to-Sink, Flat, Greased Surface
†
0.50
–––
°C/W
RθJA
Junction-to-Ambient
†
–––
62
RθJA
Junction-to-Ambient
‡
–––
40


Similar Part No. - IRFB31N20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB31N20D ISC-IRFB31N20D Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFB31N20D ETC2-IRFB31N20D Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
International Rectifier
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
296Kb / 12P
   High Frequency DC-DC converters
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
296Kb / 12P
   High Frequency DC-DC converters
More results

Similar Description - IRFB31N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com