Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7141EL-1A-E3 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS7141EL-1A-E3
Description  6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7141EL-1A-E3 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS7141EL-1A-E3 Datasheet HTML 4Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 5Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 6Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 7Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 8Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 9Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 10Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 11Page - Renesas Technology Corp PS7141EL-1A-E3 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
5
10
20
mA
LED Off Voltage
VF
0
0.5
V
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
µA
MOS FET
Off-state Leakage
Current
ILoff
VD = 400 V
0.01
1.0
µA
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
36
pF
Coupled
LED On-state Current
IFon
IL = 120 mA
5.0
mA
On-state Resistance
Ron1
IF = 10 mA, IL = 10 mA
36
50
Ron2
IF = 10 mA, IL = 120 mA, t
≤ 10 ms
25
35
Turn-on Time
*1, 2
ton
IF = 10 mA, VO = 5 V, RL = 1.5 k
Ω,
0.5
1.0
ms
Turn-off Time
*1, 2
toff
PW
≥ 10 ms
0.07
0.2
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
1.1
pF
*1 Test Circuit for Switching Time
VL
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
ton
toff
10 %
90 %
0
VO = 5 V
50 %
Output
Input
*2 The turn-on time and turn-off time are specified as input-pulse width
≥ 10 ms.
Be aware that when the device operates with an input-pulse width less than 10 ms, the turn-on time and turn-off
time will increase.
Data Sheet PN10439EJ02V0DS
6
PS7141E-1A,PS7141EL-1A


Similar Part No. - PS7141EL-1A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141EL-1A-E3 CEL-PS7141EL-1A-E3 Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141EL-1A-E3 NEC-PS7141EL-1A-E3 Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141EL-1A-E3 RENESAS-PS7141EL-1A-E3 Datasheet
226Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
California Eastern Labs
PS7141EL-1A-E3-A CEL-PS7141EL-1A-E3-A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141EL-1A-E3-A NEC-PS7141EL-1A-E3-A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7141EL-1A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141E-1A NEC-PS7141E-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-1A CEL-PS7142-1A Datasheet
482Kb / 10P
   NECs 6-PIN DIP 400V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
NEC
PS7241-2A NEC-PS7241-2A Datasheet
97Kb / 12P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7341-1A NEC-PS7341-1A Datasheet
107Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7342-1A RENESAS-PS7342-1A Datasheet
257Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com