Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB23N15D Datasheet(PDF) 1 Page - International Rectifier

Part # IRFB23N15D
Description  Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB23N15D Datasheet(HTML) 1 Page - International Rectifier

  IRFB23N15D Datasheet HTML 1Page - International Rectifier IRFB23N15D Datasheet HTML 2Page - International Rectifier IRFB23N15D Datasheet HTML 3Page - International Rectifier IRFB23N15D Datasheet HTML 4Page - International Rectifier IRFB23N15D Datasheet HTML 5Page - International Rectifier IRFB23N15D Datasheet HTML 6Page - International Rectifier IRFB23N15D Datasheet HTML 7Page - International Rectifier IRFB23N15D Datasheet HTML 8Page - International Rectifier IRFB23N15D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
6/29/00
IRFB23N15D
IRFS23N15D
IRFSL23N15D
SMPS MOSFET
HEXFET® Power MOSFET
l High frequency DC-DC converters
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
150V
0.090
23A
Typical SMPS Topologies
l Telecom 48V input DC-DC Active Clamp Reset Forward Converter
D2Pak
IRFS23N15D
TO-220AB
IRFB23N15D
TO-262
IRFSL23N15D
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
23
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
17
A
IDM
Pulsed Drain Current

92
PD @TA = 25°C
Power Dissipation
‡
3.8
W
PD @TC = 25°C
Power Dissipation
136
Linear Derating Factor
0.9
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.1
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
†
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Notes
 through ‡ are on page 11
PD - 93894A


Similar Part No. - IRFB23N15D

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFB23N15D KERSEMI-IRFB23N15D Datasheet
1Mb / 11P
   High frequency DC-DC converters
logo
Inchange Semiconductor ...
IRFB23N15D ISC-IRFB23N15D Datasheet
371Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFB23N15DPBF IRF-IRFB23N15DPBF Datasheet
283Kb / 12P
   HEXFET짰Power MOSFET
IRFB23N15DPBF IRF-IRFB23N15DPBF Datasheet
284Kb / 12P
   High frequency DC-DC converters
logo
VBsemi Electronics Co.,...
IRFB23N15DPBF VBSEMI-IRFB23N15DPBF Datasheet
1Mb / 8P
   N-Channel 150 V (D-S) MOSFET
More results

Similar Description - IRFB23N15D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFB52N15D IRF-IRFB52N15D Datasheet
134Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRFB61N15D IRF-IRFB61N15D Datasheet
211Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRF9540N IRF-IRF9540N Datasheet
125Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF9540NS IRF-IRF9540NS Datasheet
187Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com