Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2806-1 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS2806-1
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2806-1 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS2806-1_15 Datasheet HTML 3Page - Renesas Technology Corp PS2806-1_15 Datasheet HTML 4Page - Renesas Technology Corp PS2806-1_15 Datasheet HTML 5Page - Renesas Technology Corp PS2806-1_15 Datasheet HTML 6Page - Renesas Technology Corp PS2806-1_15 Datasheet HTML 7Page - Renesas Technology Corp PS2806-1_15 Datasheet HTML 8Page - Renesas Technology Corp PS2806-1_15 Datasheet HTML 9Page - Renesas Technology Corp PS2806-1_15 Datasheet HTML 10Page - Renesas Technology Corp PS2806-1_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet PN10254EJ02V0DS
5
PS2806-1,PS2806-4
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
PS2806-4
PS2806-1
0.8 mW/˚C
0.6 mW/˚C
25
50
75
100
100
80
60
40
20
0
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
PS2806-1
PS2806-4
1.2 mW/˚C
25
50
75
100
120
100
80
60
40
20
0
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
TA = +100 ˚C
+60 ˚C
+25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
0.7
0.9
1.1
1.3
1.5
1.4
1.2
1.0
0.8
100
10
50
1
0.1
0.5
5
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
80
40
60
20
0
–40
–60
–80
–20
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
IF = 10 mA
5 mA
1 mA
0.5 mA
0.2 mA
0.1 mA
200
100
50
10
5
1
0.5
0.2
1.6
0.4
0.6
0.8
1.0
1.2
1.4
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
VCE = 2 V
5 V
10 V
24 V
40 V
50
100
75
–25
0
25
–50
10 000
1 000
100
10
1
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2806-1_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2806-1-A CEL-PS2806-1-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2806-1-F3 NEC-PS2806-1-F3 Datasheet
105Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
logo
California Eastern Labs
PS2806-1-F3 CEL-PS2806-1-F3 Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2806-1-F3-A CEL-PS2806-1-F3-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2806-1-F4 NEC-PS2806-1-F4 Datasheet
105Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
More results

Similar Description - PS2806-1_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com