Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB13N50A Datasheet(PDF) 1 Page - International Rectifier

Part # IRFB13N50A
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB13N50A Datasheet(HTML) 1 Page - International Rectifier

  IRFB13N50A Datasheet HTML 1Page - International Rectifier IRFB13N50A Datasheet HTML 2Page - International Rectifier IRFB13N50A Datasheet HTML 3Page - International Rectifier IRFB13N50A Datasheet HTML 4Page - International Rectifier IRFB13N50A Datasheet HTML 5Page - International Rectifier IRFB13N50A Datasheet HTML 6Page - International Rectifier IRFB13N50A Datasheet HTML 7Page - International Rectifier IRFB13N50A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
12/10/01
www.irf.com
1
PD - 94339
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l Uninterruptible Power Supply
l High Speed Power Switching
Benefits
Applications
l Low Gate Charge Qg results in Simple Drive Requirement
l Improved Gate, Avalanche and Dynamic dv/dt Ruggedness
l Fully Characterized Capacitance and Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
500V
0.450
14A
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
14
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
9.1
A
IDM
Pulsed Drain Current

56
PD @TC = 25°C
Power Dissipation
250
W
Linear Derating Factor
2.0
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
9.2
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300
(1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10
lbf•in (1.1N•m)
Absolute Maximum Ratings
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
560
mJ
IAR
Avalanche Current

–––
14
A
EAR
Repetitive Avalanche Energy

–––
25
mJ
Avalanche Characteristics
TO-220AB
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.50
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
IRFB13N50A


Similar Part No. - IRFB13N50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB13N50A VISHAY-IRFB13N50A Datasheet
156Kb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFB13N50A KERSEMI-IRFB13N50A Datasheet
2Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFB13N50A ISC-IRFB13N50A Datasheet
328Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFB13N50A VISHAY-IRFB13N50A Datasheet
167Kb / 8P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFB13N50APBF IRF-IRFB13N50APBF Datasheet
181Kb / 8P
   SMPS MOSFET
More results

Similar Description - IRFB13N50A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP450N IRF-IRFP450N Datasheet
121Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.37ohm, Id=14A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com