Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9Z34NS Datasheet(PDF) 4 Page - International Rectifier

Part # IRF9Z34NS
Description  Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9Z34NS Datasheet(HTML) 4 Page - International Rectifier

  IRF9Z34NS Datasheet HTML 1Page - International Rectifier IRF9Z34NS Datasheet HTML 2Page - International Rectifier IRF9Z34NS Datasheet HTML 3Page - International Rectifier IRF9Z34NS Datasheet HTML 4Page - International Rectifier IRF9Z34NS Datasheet HTML 5Page - International Rectifier IRF9Z34NS Datasheet HTML 6Page - International Rectifier IRF9Z34NS Datasheet HTML 7Page - International Rectifier IRF9Z34NS Datasheet HTML 8Page - International Rectifier IRF9Z34NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF9Z34NS/L
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
4
8
12
16
20
0
10203040
G
A
Q
, Tota l Gate Ch arge (n C)
FO R TEST CIRCUIT
SEE F IGU R E 1 3
I
= -10 A
V
= -44 V
V
= -28 V
D
DS
DS
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 25 °C
J
V
= 0 V
GS
SD
A
-V
, S ource -to-Drain V oltage (V )
T = 175°C
J
1
10
100
1000
1
10
100
OPE R ATIO N IN TH IS A RE A LI MI TE D
BY R DS(o n)
10m s
A
-V
, Dra in-to-So urce V olta ge (V )
DS
1 0µs
100µ s
1m s
T
= 2 5°C
T
= 1 75°C
Sin gle Pu ls e
C
J
0
200
400
600
800
1000
1200
1
10
100
A
DS
-V
, Drain -to -So urce V oltag e (V)
V
= 0V ,
f = 1MH z
C
= C
+ C
, C
SH OR TED
C
= C
C
= C
+ C
GS
is s
gs
g d
ds
rs s
g d
os s
ds
gd
C iss
C os s
C rs s
TC = 25°C


Similar Part No. - IRF9Z34NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z34NS IRF-IRF9Z34NS Datasheet
172Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF9Z34NS KERSEMI-IRF9Z34NS Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9Z34NS ISC-IRF9Z34NS Datasheet
298Kb / 2P
   isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF9Z34NS VBSEMI-IRF9Z34NS Datasheet
931Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
International Rectifier
IRF9Z34NSL IRF-IRF9Z34NSL Datasheet
172Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF9Z34NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFD024 IRF-IRFD024 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
IRLD024 IRF-IRLD024 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
IRFB23N20D IRF-IRFB23N20D Datasheet
196Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.10ohm, Id=24A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com