Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

880368 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 880368
Description  1280 MHz BAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

880368 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  880368_15 Datasheet HTML 1Page - TriQuint Semiconductor 880368_15 Datasheet HTML 2Page - TriQuint Semiconductor 880368_15 Datasheet HTML 3Page - TriQuint Semiconductor 880368_15 Datasheet HTML 4Page - TriQuint Semiconductor 880368_15 Datasheet HTML 5Page - TriQuint Semiconductor 880368_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
880368
1280 MHz BAW Filter
Data Sheet: Rev A 12/2011
- 6 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Product Compliance Information
ESD Information
Value:
Passes  8000 V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
Value:
Passes  1600 V min.
Test:
Machine Model (MM)
Standard:
JEDEC Standard JESD22-A115
Refer to ESD Sensitivity for data
Solderability
Compatible with the latest version of J-STD-020, lead
free solder, 260°C
Refer to Soldering Profile for recommended guidelines.
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C
15H12Br402) Free
 PFOS Free
 SVHC Free
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about
TriQuint:
Web:
www.triquint.com
Tel:
+1.407.886.8860
Email: info-sales@tqs.com
Fax:
+1.407.886.7061
For technical questions and application information:
Email: info-defense@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information contain
herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained herein. TriQuint
assumes no responsibility or liability whatsoever for the use of the information contained herein. The information contained
herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with
the user. All information contained herein is subject to change without notice. Customers should obtain and verify the latest
relevant information before placing orders for TriQuint products.
The information contained herein or any use of such
information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property
rights, whether with regard to such information itself or anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.


Similar Part No. - 880368_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
880368EVALBOARD QORVO-880368EVALBOARD Datasheet
234Kb / 6P
   1280 MHz BAW Filter
More results

Similar Description - 880368_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
880368 QORVO-880368 Datasheet
234Kb / 6P
   1280 MHz BAW Filter
logo
TriQuint Semiconductor
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
   1960 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
   428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
   2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
   2560 MHz BAW Filter
logo
TriQuint Semiconductor
885007 TRIQUINT-885007_15 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
880126 TRIQUINT-880126_15 Datasheet
112Kb / 5P
   2106 MHz BAW Filter
885014 TRIQUINT-885014_15 Datasheet
492Kb / 6P
   2332.5 MHz BAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com