Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16634A Datasheet(PDF) 5 Page - NEC

Part # UPD16634A
Description  300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16634A Datasheet(HTML) 5 Page - NEC

  UPD16634A Datasheet HTML 1Page - NEC UPD16634A Datasheet HTML 2Page - NEC UPD16634A Datasheet HTML 3Page - NEC UPD16634A Datasheet HTML 4Page - NEC UPD16634A Datasheet HTML 5Page - NEC UPD16634A Datasheet HTML 6Page - NEC UPD16634A Datasheet HTML 7Page - NEC UPD16634A Datasheet HTML 8Page - NEC UPD16634A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet S12595EJ2V0DS00
5
µµµµPD16634A
4. PIN FUNCTIONS
Pin Symbol
Pin Name
Description
S1 to S300
Driver output
The D/A converted 64-gray-scale analog voltage is output
D00 to D05
Display data input
The display data is input with a width of 36 bits, viz., the gray scale data
D10 to D15
(6 bits) by 6 dots (2 pixels).
D20 to D25
DX0 : LSB, DX5 : MSB
D30 to D35
D40 to D45
D50 to D55
R,/L
Shift direction switching input
These refer to the start pulse input/output pins when cascades are
connected. The shift directions of the shift registers are as follows.
R,/L = H : STHR input, S1
→S300, STHL output
R,/L = L : STHL input, S300
→S1, STHR output
STHR
Right shift start pulse
input/output
R,/L = H : Becomes the start pulse input pin.
R,/L = L : Becomes the start pulse output pin.
STHL
Left shift start pulse input/output
R,/L = H : Becomes the start pulse input pin.
R,/L = L : Becomes the start pulse output pin.
CLK
Shift clock input
Refers to the shift register’s shift clock input. The display data is
incorporated into the data register at the rising edge. At the rising edge of
the 50th clock after the start pulse input, the start pulse output reaches the
high level, thus becoming the start pulse of the next-level driver. The initial-
level driver’s 50th clock becomes valid as the next-level driver’s start pulse
is input. If 52 clock pulses are input after input of the start pulse, input of
display data is halted automatically. The contents of the shift register are
cleared at the STB’s rising edge.
STB
Latch input
The contents of the data register are transferred to the latch at the rising
edge. And, at the falling edge, the gray scale voltage is supplied to the
driver. It is necessary to ensure input of one pulse per horizontal period.
POL
Polarity input
POL = L ; The S2n-1 output uses V0 to V4 as the reference supply; and the S2n
output uses V5 to V9 as the reference supply.
POL = H ; The S2n-1 output uses V5 to V9 as the reference supply; and the
S2n output uses V0 to V4 as the reference supply.
S2n-1 indicates the odd output; and S2n indicates the even output. Input of
the POL signal is allowed the setup time (tPOL-STB) with respect to STB’s
rising edge.
POL2
Data inversion input
POL2 = H : Display data is inverted.
POL2 = L : Display data is not inverted.
V0 to V9
γ-corrected power supplies
Input the
γ-corrected power supplies from outside by using operational
amplifier. Make sure to maintain the following relationships. During the gray
scale voltage output, be sure to keep the gray scale level power supply at a
constant level.
VDD2 > V0 > V1 > V2 > V3 > V4 > V5 > V6 > V7 > V8 > V9 > VSS2
TEST
Test pin
Set it to open.
VDD1
Logic circuit power supply
3.3 V
± 0.3 V
VDD2
Driver circuit power supply
8.0 V
± 0.5 V
VSS1
Logic ground
Grounding
VSS2
Driver ground
Grounding
Cautions 1. The power start sequence must be VDD1, logic input, and VDD2 & V0 to V9 in that order. Reverse
this sequence to shut down.(Simultaneous power application to VDD2 and V0 to V9 is possible.)
2. To stabilize the supply voltage, please be sure to insert 0.1
µµµµF bypass capacitor between
VDD1-VSS1 and VDD2-VSS2. Furthermore, for increase precision of the D/A converter, insertion of a
bypass capacitor of about 0.01
µµµµF is also advised between the γγγγ-corrected power supply
terminals(V0,V1,V2...,V9) and VSS2.
3. We recommend to use Operational Amplifier to lower input impedance of
γγγγ-corrected voltage.


Similar Part No. - UPD16634A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16634A RENESAS-UPD16634A Datasheet
288Kb / 22P
   MOS INTEGRATED CIRCUIT
1998
UPD16634AN-XXX RENESAS-UPD16634AN-XXX Datasheet
288Kb / 22P
   MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16634A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PD160062 RENESAS-PD160062_15 Datasheet
352Kb / 21P
   420-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALE)
logo
NEC
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Renesas Technology Corp
PD16724 RENESAS-PD16724_15 Datasheet
300Kb / 26P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
PD161830 RENESAS-PD161830_15 Datasheet
371Kb / 26P
   240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com