Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDUE0630 Datasheet(PDF) 1 Page - TOKO, Inc

Part # FDUE0630
Description  Metal Alloy Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FDUE0630 Datasheet(HTML) 1 Page - TOKO, Inc

  FDUE0630 Datasheet HTML 1Page - TOKO, Inc FDUE0630 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FDUE0630 / FDUE0640 / FDUE0650
Inductance Range: 0.12
H~0.24uH (FDUE0630), 0.15H~0.42uH (FDUE0640), 0.6H~1.0uH (FDUE0650)
FDUE0630
FDUE0640
FDUE0650
Tolerance:±0.3
(Unit: mm)
(Unit: mm)
*
FDUE0630: 3.0mm Max.
FDUE0640: 4.0mm Max.
FDUE0650: 5.0mm Max.
FEATURES
特長
 6.7  7.6mm square and 3.0 or 4.0 or 5.0mm Max. height.
 Magnetically shielded construction, low DC resistance.
 The use of magnetic iron powder ensures capability for
large current.
 Low audible core noise.
 Ideal for DC-DC converter applications in hand held
personal computer and etc.
 RoHS compliant. Halogen Free.
 6.7  7.6mm 角、高さ3.0, 4.0 または 5.0 mm Max.
 閉磁路構造、低直流抵抗
 磁性材に鉄系磁性粉を用いた大電流対応
 低コア鳴きノイズ
 DC-DC コンバータ用インダクタに最適
 RoHS指令対応,ハロゲンフリー
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE FDUE0630 (Quantity/reel; 1000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
Dimensions (mm)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
)
Tolerance ±7%
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
A
B
FDUE0630-H-R12M
0.12
 20
0.58
33 (43)
36 (42)
2.0
2.5
FDUE0630-H-R24M
0.24
 20
1.12
23 (30)
27 (32)
2.0
2.5
TYPE FDUE0640 (Quantity/reel; 1000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
Dimensions (mm)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
)
Tolerance ±7%
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=20%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
A
B
FDUE0640-H-KR15M
0.15
 20
0.61
25 (33)
33 (39)
2.0
2.5
FDUE0640-H-R24M
0.24
 20
0.89
19 (25)
27 (34)
2.0
2.5
FDUE0640-H-R42M
0.42
 20
1.48
15 (20)
22 (28)
2.0
2.5
continued on next page
次頁へ続く
L
L
L
L
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ®インダクタ


Similar Part No. - FDUE0630

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDUE0640 TOKO-FDUE0640 Datasheet
68Kb / 1P
   Fixed Inductors for Surface Mounting
FDUE0640-H-KR15M TOKO-FDUE0640-H-KR15M Datasheet
230Kb / 1P
   Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDUE0640-H-KR15M MURATA-FDUE0640-H-KR15M Datasheet
979Kb / 2P
   Inductor
logo
TOKO, Inc
FDUE0640-H-R24M TOKO-FDUE0640-H-R24M Datasheet
230Kb / 1P
   Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDUE0640-H-R24M MURATA-FDUE0640-H-R24M Datasheet
980Kb / 2P
   Inductor
More results

Similar Description - FDUE0630

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201612C TOKO-DFE201612C Datasheet
76Kb / 1P
   Metal Alloy Inductors
DFE252010P TOKO-DFE252010P Datasheet
186Kb / 1P
   Metal Alloy Inductors
FCUL1040 TOKO-FCUL1040 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDSD0312 TOKO-FDSD0312 Datasheet
105Kb / 1P
   Metal Alloy Inductors
FDSD0630 TOKO-FDSD0630 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDU1040D TOKO-FDU1040D Datasheet
117Kb / 1P
   Metal Alloy Inductors
DFE201210U TOKO-DFE201210U_16 Datasheet
210Kb / 1P
   Metal Alloy Inductors
FDA1254 TOKO-FDA1254_16 Datasheet
236Kb / 1P
   Metal Alloy Inductors
FCUL0624 TOKO-FCUL0624_16 Datasheet
237Kb / 1P
   Metal Alloy Inductors
DFE201610P TOKO-DFE201610P_16 Datasheet
221Kb / 1P
   Metal Alloy Inductors
DFE252010P TOKO-DFE252010P_16 Datasheet
225Kb / 1P
   Metal Alloy Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com