Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDSD0630W Datasheet(PDF) 1 Page - TOKO, Inc

Part # FDSD0630W
Description  Metal Alloy Inductors for Digital Audio Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FDSD0630W Datasheet(HTML) 1 Page - TOKO, Inc

  FDSD0630W Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FDSD0630W
Inductance Range: 15~47
H
Tolerance:±0.3
(Unit: mm)
(Unit: mm)
FEATURES
特長
 7.0×6.6 mm square and 3.0 mm Max. height.
 Magnetically shielded construction and low DC resistance.
 The use of magnetic iron powder ensure capability for
large current
 Low audible core noise.
 RoHS compliant. Halogen free.
 7.0×6.6mm角、高さ3.0mm Max.
 閉磁路構造、低直流抵抗
 磁性体に鉄系磁性粉を用いた大電流対応
 低コア鳴きノイズ
 RoHS指令対応、ハロゲンフリー
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE FDSD0630W (Quantity/reel; 1000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max.(Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=20%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
FDSD0630W-H-150M
15
 20
144 (120)
2.8 (3.7)
2.0 (2.4)
FDSD0630W-H-220M
22
 20
200 (170)
2.3 (3.1)
1.7 (2.0)
FDSD0630W-H-330M
33
 20
260 (220)
2.1 (2.6)
1.5 (1.8)
FDSD0630W-H-470M
47
 20
420 (350)
1.7 (2.2)
1.2 (1.4)
(1) Inductance is measured with a LCR meter 4284A(Agilent
Technologies) or equivalent. Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 20 %
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller.
(Reference ambient temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値
が初期値より20%減少する直流電流値、または直流電流によ
り、コイルの温度が40°C上昇の何れか小さい値。
(周囲温度20°Cを基準とする。)
L
L
Recommended patterns
推奨パターン図
Metal Alloy Inductors for Digital Audio Amplifier
メタルアロイ
®デジタルオーディオアンプ用インダクタ


Similar Part No. - FDSD0630W

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDSD0630 TOKO-FDSD0630 Datasheet
106Kb / 1P
   Metal Alloy Inductors
FDSD0630-H-100M TOKO-FDSD0630-H-100M Datasheet
246Kb / 1P
   Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDSD0630-H-100M MURATA-FDSD0630-H-100M Datasheet
977Kb / 2P
   Inductor
logo
TOKO, Inc
FDSD0630-H-1R0M TOKO-FDSD0630-H-1R0M Datasheet
246Kb / 1P
   Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDSD0630-H-1R0M MURATA-FDSD0630-H-1R0M Datasheet
977Kb / 2P
   Inductor
More results

Similar Description - FDSD0630W

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
11RHBP TOKO-11RHBP Datasheet
142Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAMW TOKO-DAMW Datasheet
90Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAEPWL TOKO-DAEPWL Datasheet
54Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DASL1620 TOKO-DASL1620 Datasheet
106Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAW TOKO-DAW Datasheet
65Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
8RDY TOKO-8RDY Datasheet
90Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
EAS30S TOKO-EAS30S Datasheet
78Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
EAW30S TOKO-EAW30S Datasheet
103Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
13RHBP TOKO-13RHBP Datasheet
97Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DA1476S TOKO-DA1476S Datasheet
48Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com