Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD7229A Datasheet(PDF) 35 Page - NEC

Part # UPD7229A
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7229A Datasheet(HTML) 35 Page - NEC

Back Button UPD7229A Datasheet HTML 31Page - NEC UPD7229A Datasheet HTML 32Page - NEC UPD7229A Datasheet HTML 33Page - NEC UPD7229A Datasheet HTML 34Page - NEC UPD7229A Datasheet HTML 35Page - NEC UPD7229A Datasheet HTML 36Page - NEC UPD7229A Datasheet HTML 37Page - NEC UPD7229A Datasheet HTML 38Page - NEC UPD7229A Datasheet HTML 39Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Data Sheet S10299EJ4V0DS00
35
µµµµ PD16434
7. STANDBY MODE
The
µ PD16434 offers the standby mode in order to reduce the power consumption, when displaying operation is
not necessary.
The standby mode is set, by executing the STOP command. The standby mode is actually set, when the /BUSY
signal is set to high after the STOP command is executed. In the standby mode, the
µ PD16434 stops supplying the
CLOCK signal to the LCD timing control circuit and the clock control circuit by internally masking the CLOCK signal. In
addition, the
µ PD16434 initializes the data processing mode to the auto-increment (I1I0 = 00) write mode. However, no
other modes are affected by RESET operation, so that the interface mode and the display mode will be retained. The
standby mode is cleared when a byte of data (command or data) is input, or when the RESET signal falls. However, the
processing necessary during the standby mode and operation after clearing the standby mode differ, depending on which
method is used.
In addition, the CLOCK signal to the
µ PD16434 can be stopped during the standby mode. In this case, the power
consumption can be further reduced, compared to when the CLOCK is only internally masked.
7.1 Clearing Standby Mode
(1) Clearing standby mode by writing a byte of data
If the previous operation modes (except the data processing mode), used before entering the standby mode,
needs to be maintained, the standby mode can be cleared by writing a byte of data (command or data).
In the serial interface mode, the standby mode is cleared, when writing 8 bits of serial data is completed (at the
rising edge of the 8th /SCK). In the parallel interface, the standby mode is cleared, when writing the second 4-bit
data is completed (at the rising edge of the 2nd /STB).
When the chip address selection function is used in the serial interface mode, if /CS is set to high in the standby
mode, the first 8-bit data, after /CS is set to low, is used as the chip address information, when the standby mode
is cleared. Therefore, the standby mode is cleared, when writing the next 8-bit data is completed.
Remark During the standby mode, the clock necessary for driving the LCD by alternating current is stopped.
Therefore, the LCD drive signal level, before entering the standby mode, is maintained in the standby
mode. This means that a DC voltage remains applied to the LCD in the standby mode. To avoid this,
control the VLC5 pin voltage using the CPU output port, as shown in Figure7–1, and output a high
level from the output port, before executing the STOP command, to eliminate voltage differential
between the VDD and VLC5.


Similar Part No. - UPD7229A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7220A NEC-UPD7220A Datasheet
164Kb / 3P
   High-Performance Graphics Display Controller
UPD7220A-1 NEC-UPD7220A-1 Datasheet
164Kb / 3P
   High-Performance Graphics Display Controller
UPD7220A-2 NEC-UPD7220A-2 Datasheet
164Kb / 3P
   High-Performance Graphics Display Controller
UPD7220D NEC-UPD7220D Datasheet
164Kb / 3P
   High-Performance Graphics Display Controller
UPD7225 NEC-UPD7225 Datasheet
289Kb / 52P
   PROGRAMMABLE LCD CONTROLLER/DRIVER
More results

Similar Description - UPD7229A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16676 NEC-UPD16676 Datasheet
117Kb / 20P
   1/16, 1/32 DUTY LCD CONTROLLER/DRIVER
UPD16432B NEC-UPD16432B Datasheet
214Kb / 36P
   1/8, 1/15 DUTY LCD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
TP6311QG ETC1-TP6311QG Datasheet
440Kb / 23P
   1/8 - 1/16 DUTY VFD CONTROLLER / DRIVER
AD6311 ETC-AD6311 Datasheet
205Kb / 11P
   1/8- to 1/16 Duty VFD Controller/Driver
logo
Anachip Corp
AD16311 ANACHIP-AD16311 Datasheet
186Kb / 12P
   1/8 TO 1/16 DUTY VFD CONTROLLER/DRIVER
logo
NEC
UPD16311 NEC-UPD16311 Datasheet
167Kb / 20P
   1/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER
UPD16675A NEC-UPD16675A Datasheet
252Kb / 36P
   1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
UPD16430A NEC-UPD16430A Datasheet
130Kb / 24P
   1/2, 1/3, 1/4 DUTY LCD CONTROLLER/DRIVER
UPD16431A NEC-UPD16431A Datasheet
179Kb / 34P
   1/2, 1/3, 1/4-DUTY LCD CONTROLLER/DRIVER
logo
Renesas Technology Corp
PD16431A RENESAS-PD16431A_15 Datasheet
743Kb / 38P
   1/2, 1/3, 1/4-DUTY LCD CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com