Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9530NS Datasheet(PDF) 5 Page - International Rectifier

Part # IRF9530NS
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9530NS Datasheet(HTML) 5 Page - International Rectifier

  IRF9530NS Datasheet HTML 1Page - International Rectifier IRF9530NS Datasheet HTML 2Page - International Rectifier IRF9530NS Datasheet HTML 3Page - International Rectifier IRF9530NS Datasheet HTML 4Page - International Rectifier IRF9530NS Datasheet HTML 5Page - International Rectifier IRF9530NS Datasheet HTML 6Page - International Rectifier IRF9530NS Datasheet HTML 7Page - International Rectifier IRF9530NS Datasheet HTML 8Page - International Rectifier IRF9530NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF9530NS/L
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
VDS
-10V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0 . 1
1
t , R e c tang ular P u lse D u ration (s ec )
1
D = 0 .5 0
0.0 1
0.0 2
0.0 5
0.10
0.20
S IN G L E P U L S E
( T H E R M AL RE SP O N SE)
A
P
t
2
1
t
DM
N o te s:
1 . D u ty fa c to r D = t
/ t
2. P e a k T = P
x Z
+ T
12
J
DM
th JC
C
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
T , Case Temperature ( C)
°
C


Similar Part No. - IRF9530NS

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF9530NS KERSEMI-IRF9530NS Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9530NS ISC-IRF9530NS Datasheet
297Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF9530NSPBF IRF-IRF9530NSPBF Datasheet
758Kb / 10P
   Advanced Process Technology Surface Mount
IRF9530NSPBF IRF-IRF9530NSPBF Datasheet
767Kb / 11P
   Advanced Process Technology
IRF9530NSPBF IRF-IRF9530NSPBF Datasheet
767Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRF9530NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com