Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9530NS Datasheet(PDF) 2 Page - International Rectifier

Part # IRF9530NS
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9530NS Datasheet(HTML) 2 Page - International Rectifier

  IRF9530NS Datasheet HTML 1Page - International Rectifier IRF9530NS Datasheet HTML 2Page - International Rectifier IRF9530NS Datasheet HTML 3Page - International Rectifier IRF9530NS Datasheet HTML 4Page - International Rectifier IRF9530NS Datasheet HTML 5Page - International Rectifier IRF9530NS Datasheet HTML 6Page - International Rectifier IRF9530NS Datasheet HTML 7Page - International Rectifier IRF9530NS Datasheet HTML 8Page - International Rectifier IRF9530NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF9530NS/L
‚ Starting T
J = 25°C, L =7.0mH
RG = 25Ω, IAS = -8.4A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
** When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ -8.4A, di/dt ≤ -490A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Uses IRF9530N data and test conditions
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
…
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -8.4A, VGS = 0V
„
trr
Reverse Recovery Time
–––
130
190
ns
TJ = 25°C, IF = -8.4A
Qrr
Reverse Recovery Charge
–––
650
970
nC
di/dt = -100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-100
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.11 –––
V/°C
Reference to 25°C, ID = -1mA
…
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.20
VGS = -10V, ID = -8.4A
„
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
3.2
–––
–––
S
VDS = -50V, ID = -8.4A
…
–––
–––
-25
µA
VDS = -100V, VGS = 0V
–––
–––
-250
VDS = -80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
58
ID = -8.4A
Qgs
Gate-to-Source Charge
–––
–––
8.3
nC
VDS = -80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
32
VGS = -10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
15
–––
VDD = -50V
tr
Rise Time
–––
58
–––
ID = -8.4A
td(off)
Turn-Off Delay Time
–––
45
–––
RG = 9.1Ω
tf
Fall Time
–––
46
–––
RD = 6.2Ω, See Fig. 10
„
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
760
–––
VGS = 0V
Coss
Output Capacitance
–––
260
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
170
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance
-14
-56


Similar Part No. - IRF9530NS

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF9530NS KERSEMI-IRF9530NS Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9530NS ISC-IRF9530NS Datasheet
297Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF9530NSPBF IRF-IRF9530NSPBF Datasheet
758Kb / 10P
   Advanced Process Technology Surface Mount
IRF9530NSPBF IRF-IRF9530NSPBF Datasheet
767Kb / 11P
   Advanced Process Technology
IRF9530NSPBF IRF-IRF9530NSPBF Datasheet
767Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRF9530NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com