Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-30012AX-01 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-30012AX-01
Description  3.00 Inch (76.50mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-30012AX-01 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-30012AX-01 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012AX-01 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012AX-01 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012AX-01 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012AX-01 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page
1/5
Descriptions & Features:
3.00 Inch (76.50mm) digit height Single Digit Display
Case mold type.
CHECKED BY
PREPARED BY
Low current operation
Low power consumption.
Easy mounting on P.C. board or socket.
APPROVED BY
PRODUCT SPECIFICATION
Model No. FYS-30012A/BX-XX
FYS-30012A/BX-XX
A
CUSTOMER APPROVED
SIGNATURES
Http://www.foryard.com
RoHS compliant.


Similar Part No. - FYS-30012AX-01

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-30012AX-0 FORYARD-FYS-30012AX-0 Datasheet
335Kb / 4P
   LED DIGIT DISPLAY
FYS-30012AX-0 FORYARD-FYS-30012AX-0 Datasheet
341Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-30012AX-01

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-30011AX-00 FORYARD-FYS-30011AX-00 Datasheet
434Kb / 5P
   3.00 Inch (76.00mm) digit height Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-3001SR PARALIGHT-A-3001SR Datasheet
162Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001G PARALIGHT-A-3001G Datasheet
211Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001G PARALIGHT-C-3001G Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001SR PARALIGHT-C-3001SR Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001E PARALIGHT-C-3001E Datasheet
213Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001E PARALIGHT-A-3001E Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001Y PARALIGHT-C-3001Y Datasheet
210Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001UB PARALIGHT-A-3001UB Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001Y PARALIGHT-A-3001Y Datasheet
208Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com