Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYD-3021JX-30 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYD-3021JX-30
Description  0.3Inch (7.62mm) digit height Double Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYD-3021JX-30 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYD-3021JX-30 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021JX-30 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021JX-30 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021JX-30 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-3021JX-30 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model No.
Rev.
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page: 5/5
Http://www.foryard.com
FYD-3021I/JX-XX
A
Model No.:
:FYD-3021I/JX-XX
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYD-3021XX-XX
Qty: 9216 PCS
Date:xxxx/xx/xx
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
Part NO: FYD-3021XX-XX
Date:xxxx/xx/xx
Q'TY: 576 PCS
144PCS/one foam
576PCS/4PCS foam
2304PCS /4PCS Bag
9216PCS/4PCS Box
OUTSIDE LABEL
QC: QC
PASS
FORYARD
O P T O E L E C T R O N I C S
QC:
QC
PASS
xxxxxxxxxx
56.0
54.0
14
.5
RoHS
RoHS
RoHS
RoHS
GW: 17.5 KG
NW: 20.0
KG
OUTSIDE LABEL


Similar Part No. - FYD-3021JX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-3021JX-3 FORYARD-FYD-3021JX-3 Datasheet
305Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYD-3021JX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-3021CX-00 FORYARD-FYD-3021CX-00 Datasheet
341Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021EX-00 FORYARD-FYD-3021EX-00 Datasheet
335Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021GX-00 FORYARD-FYD-3021GX-00 Datasheet
336Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3022AX-00 FORYARD-FYD-3022AX-00 Datasheet
342Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
FYD-3021AX-00 FORYARD-FYD-3021AX-00 Datasheet
341Kb / 5P
   0.30 Inch (7.62mm) digit height Double Digits Display
logo
Lite-On Technology Corp...
LSHD-7801 LITEON-LSHD-7801 Datasheet
128Kb / 5P
   0.3inch(7.62mm) digit height single-dight display
logo
Kingbright Corporation
SA03-11GWA KINGBRIGHT-SA03-11GWA Datasheet
184Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC03-12SRWA KINGBRIGHT-SC03-12SRWA Datasheet
183Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-12GWA KINGBRIGHT-SA03-12GWA Datasheet
155Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
DA03-11CGKWA KINGBRIGHT-DA03-11CGKWA Datasheet
348Kb / 6P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com