Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE3503M04 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NE3503M04
Description  C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNEL HJ-FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3503M04 Datasheet(HTML) 5 Page - Renesas Technology Corp

  NE3503M04 Datasheet HTML 1Page - Renesas Technology Corp NE3503M04 Datasheet HTML 2Page - Renesas Technology Corp NE3503M04 Datasheet HTML 3Page - Renesas Technology Corp NE3503M04 Datasheet HTML 4Page - Renesas Technology Corp NE3503M04 Datasheet HTML 5Page - Renesas Technology Corp NE3503M04 Datasheet HTML 6Page - Renesas Technology Corp NE3503M04 Datasheet HTML 7Page - Renesas Technology Corp NE3503M04 Datasheet HTML 8Page - Renesas Technology Corp NE3503M04 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet PG10456EJ03V0DS
3
NE3503M04
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Ambient Temperature TA (
°C)
vs. AMBIENT TEMPERATURE
TOTAL POWER DISSIPATION
250
200
150
125
100
50
0
50
100 125 150
200
250
80
60
40
20
0
–2.0
–1.0
0
Gate to Source Voltage VGS (V)
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
VDS = 2 V
1.6
1.0
1.2
1.4
0.8
0.6
0.2
0.4
0.0
16
10
12
14
8
6
2
4
0
10
15
0
5
20
25
30
Drain Current ID (mA)
ASSOCIATED GAIN vs. DRAIN CURRENT
MINIMUM NOISE FIGURE,
f = 12 GHz
VDS = 2 V
NFmin
Ga
2.0
1.2
1.4
1.6
1.8
0.6
0.8
1.0
0.2
0.4
0.0
25
15
10
5
20
0
68
24
10
012
14
16
18 20
Frequency f (GHz)
ASSOCIATED GAIN vs. FREQUENCY
MINIMUM NOISE FIGURE,
VDS = 2 V
ID = 10 mA
NFmin
Ga
Drain to Source Voltage VDS (V)
DRAIN TO SOURCE VOLTAGE
DRAIN CURRENT vs.
100
20
40
60
80
0
1.0
2.0
VGS = 0 V
0.2 V
0.4 V
0.6 V
Remark The graphs indicate nominal characteristics.


Similar Part No. - NE3503M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3503M04 CEL-NE3503M04 Datasheet
394Kb / 7P
   NECs C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNER HJ-FET
NE3503M04-A CEL-NE3503M04-A Datasheet
394Kb / 7P
   NECs C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNER HJ-FET
NE3503M04-T2-A CEL-NE3503M04-T2-A Datasheet
394Kb / 7P
   NECs C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNER HJ-FET
More results

Similar Description - NE3503M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com