Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX2N6804 Datasheet(PDF) 1 Page - International Rectifier

Part # JANTX2N6804
Description  TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6804 Datasheet(HTML) 1 Page - International Rectifier

  JANTX2N6804 Datasheet HTML 1Page - International Rectifier JANTX2N6804 Datasheet HTML 2Page - International Rectifier JANTX2N6804 Datasheet HTML 3Page - International Rectifier JANTX2N6804 Datasheet HTML 4Page - International Rectifier JANTX2N6804 Datasheet HTML 5Page - International Rectifier JANTX2N6804 Datasheet HTML 6Page - International Rectifier JANTX2N6804 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 0V, TC = 25°C
Continuous Drain Current
-11
ID @ VGS = 0V, TC = 100°C
Continuous Drain Current
-7.0
IDM
Pulsed Drain Current ➀
-50
PD @ TC = 25°C
Max. Power Dissipation
7 5
W
Linear Derating Factor
0.60
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
81
mJ
IAR
Avalanche Current ➀
-11
A
EAR
Repetitive Avalanche Energy ➀
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-5.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
11.5 (typical)
g
PD - 90549C
o C
A
01/22/01
www.irf.com
1
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF9130
-100V
0.30
-11A
For footnotes refer to the last page
The HEXFETtechnology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance; superior re-
verse energy and diode recovery dv/dt capability.
The HEXFET transistors also feature all of the well estab-
lished advantages of MOSFETs such as voltage control,
very fast switching, ease of parelleling and temperature
stability of the electrical parameters.
They are well suited for applications such as switching
power supplies, motor controls, inverters, choppers, audio
amplifiers and high energy pulse circuits.
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
TO-3
REPETITIVE AVALANCHE AND dv/dt RATED
JANTX2N6804
HEXFET
TRANSISTORS
JANTXV2N6804
THRU-HOLE (TO-204AA/AE)
[REF:MIL-PRF-19500/562]
IRF9130
100V, P-CHANNEL


Similar Part No. - JANTX2N6804

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6804 IRF-JANTX2N6804 Datasheet
237Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
JANTX2N6804 IRF-JANTX2N6804 Datasheet
153Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6804 IRF-JANTX2N6804_15 Datasheet
153Kb / 7P
   Repetitive Avalanche Ratings
More results

Similar Description - JANTX2N6804

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHN9130 IRF-IRHN9130 Datasheet
120Kb / 4P
   TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
JANTX2N6804 IRF-JANTX2N6804 Datasheet
237Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRF9240 IRF-IRF9240 Datasheet
147Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.5ohm, Id=-11A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRF9140 IRF-IRF9140 Datasheet
148Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.2ohm, Id=-18A)
IRHF9130 IRF-IRHF9130 Datasheet
128Kb / 8P
   TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
JANTX2N6849 IRF-JANTX2N6849 Datasheet
133Kb / 7P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
IRF5NJ6215 IRF-IRF5NJ6215 Datasheet
116Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-150V, Rds(on)=0.29ohm, Id=-11A)
IRF5Y6215CM IRF-IRF5Y6215CM Datasheet
103Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-150V, Rds(on)=0.29ohm, Id=-11A)
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com