Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK6036DP3-A0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK6036DP3-A0
Description  600V - 2A - MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK6036DP3-A0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK6036DP3-A0_15 Datasheet HTML 1Page - Renesas Technology Corp RJK6036DP3-A0_15 Datasheet HTML 2Page - Renesas Technology Corp RJK6036DP3-A0_15 Datasheet HTML 3Page - Renesas Technology Corp RJK6036DP3-A0_15 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS0841EJ0100 Rev.1.00
Page 1 of 3
Jul 05, 2011
Preliminary Datasheet
RJK6036DP3-A0
600V - 2A - MOS FET
High Speed Power Switching
Features
 Low on-resistance
RDS(on) = 5.7  typ. (at ID = 1 A, VGS = 10 V, Ta = 25C)
 Low drive current
 High density mounting
Outline
Package name: SOT-223
4
1
2
3
D
S
G
1. Gate
2. Drain
3. Source
4. Drain
RENESAS Package code: PRSP0004ZB-A
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
600
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
Note1
2
A
Drain peak current
ID (pulse)
Note2
4
A
Body-drain diode reverse drain current
IDR
Note1
2
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note2
4
A
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. Limited Tch max.. Value at Tc = 25
C
2. Pulse width limited by safe operating area.
R07DS0841EJ0100
Rev.1.00
Jul 05, 2011


Similar Part No. - RJK6036DP3-A0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6036DP3-A0J2 RENESAS-RJK6036DP3-A0J2 Datasheet
71Kb / 4P
   600V - 2A - MOS FET High Speed Power Switching
More results

Similar Description - RJK6036DP3-A0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0_15 Datasheet
99Kb / 7P
   600V - 2A - MOS FET High Speed Power Switching
RJK6002DJE RENESAS-RJK6002DJE_15 Datasheet
69Kb / 4P
   600V - 2A - MOS FET High Speed Power Switching
RJK6002DPE RENESAS-RJK6002DPE Datasheet
82Kb / 7P
   600V - 2A - MOS FET High Speed Power Switching
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0 Datasheet
99Kb / 7P
   600V - 2A - MOS FET High Speed Power Switching
RJK6036DP3-A0 RENESAS-RJK6036DP3-A0 Datasheet
71Kb / 4P
   600V - 2A - MOS FET High Speed Power Switching
RJK6002DJE RENESAS-RJK6002DJE Datasheet
69Kb / 4P
   600V - 2A - MOS FET High Speed Power Switching
2SK2225 RENESAS-2SK2225_16 Datasheet
260Kb / 7P
   1500V - 2A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
RJK6015DPM RENESAS-RJK6015DPM_15 Datasheet
86Kb / 7P
   600V - 21A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com