Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60D1DPP-E0 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJH60D1DPP-E0
Description  600V - 10A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D1DPP-E0 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJH60D1DPP-E0_15 Datasheet HTML 1Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RJH60D1DPP-E0
Preliminary
R07DS0893EJ0100 Rev.1.00
Page 5 of 9
Nov 01, 2012
1000
10
100
1
Switching Characteristics (Typical) (1)
Collector Current IC (A)
(Inductive load)
1
10
100
1
10
100
Switching Characteristics (Typical) (3)
td(on)
Gate Resistance Rg (
Ω)
(Inductive load)
10
100
1000
VCC = 300 V, VGE = 15 V
IC = 10 A, Tc = 150°C
tf
td(off)
tr
10
100
1000
50
25
150
75
125
100
Switching Characteristics (Typical) (5)
td(on)
Case Temperature Tc (°C)
(Inductive load)
VCC = 300 V, VGE = 15 V
IC = 10 A, Rg = 5 Ω
tf
td(off)
tr
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Tc = 150°C
td(off)
td(on)
tf
tr
1
0.1
0.01
1
0.01
0.1
10
0.1
1
0.01
110
100
Gate Registance Rg (
Ω)
(Inductive load)
Eoff
Eon
Switching Characteristics (Typical) (4)
VCC = 300 V, VGE = 15 V
IC = 10 A, Tc = 150 °C
Eoff
Eon
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Tc = 150°C
Collector Current IC (A)
(Inductive load)
Switching Characteristics (Typical) (2)
110
100
50
25
150
75
125
100
Case Temperature Tc (°C)
(Inductive load)
Switching Characteristics (Typical) (6)
Eoff
Eon
VCC = 300 V, VGE = 15 V
IC =10 A, Rg = 5 Ω


Similar Part No. - RJH60D1DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D1DPP-E0 RENESAS-RJH60D1DPP-E0 Datasheet
121Kb / 10P
   600V - 10A - IGBT Application: Inverter
Nov 01, 2012
More results

Similar Description - RJH60D1DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60A83RDPE RENESAS-RJH60A83RDPE_15 Datasheet
112Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60A83RDPP-M0 RENESAS-RJH60A83RDPP-M0_15 Datasheet
120Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60A83RDPE RENESAS-RJH60A83RDPE Datasheet
111Kb / 9P
   600V - 10A - IGBT Application: Inverter
Jul 12, 2012
RJH60A83RDPD-A0 RENESAS-RJH60A83RDPD-A0 Datasheet
189Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_15 Datasheet
111Kb / 10P
   600V - 10A - IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_15 Datasheet
107Kb / 10P
   600V - 10A - IGBT Application: Inverter
RJH60A83RDPP-M0 RENESAS-RJH60A83RDPP-M0 Datasheet
119Kb / 9P
   600V - 10A - IGBT Application: Inverter
Jul 12, 2012
RJH60D1DPP-E0 RENESAS-RJH60D1DPP-E0 Datasheet
121Kb / 10P
   600V - 10A - IGBT Application: Inverter
Nov 01, 2012
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com