Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL10757EJ01V0DS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PL10757EJ01V0DS
Description  1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PL10757EJ01V0DS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PL10757EJ01V0DS Datasheet HTML 2Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 3Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 4Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 5Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 6Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 7Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 8Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 9Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet PL10757EJ01V0DS
4
NX7337BJ-AA
ORDERING INFORMATION
Part Number
FIange Type
NX7337BJ-AA
flat mount flange
ABSOLUTE MAXIMUM RATINGS (TC = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Pulsed Forward Current
*1
IFP
1.2
A
Reverse Voltage
VR
2.0
V
Operating Case Temperature
TC
−20 to +60
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
*1 Pulse Condition: Pulse Width (PW) = 10
μs, Duty = 1%
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VFP
IFP = 800 mA,
PW = 10
μs, Duty = 1%
2.5
4.0
V
Threshold Current
Ith
35
65
mA
Optical Output Power from Fiber
Pf
IFP = 800 mA,
PW = 10
μs, Duty = 1%
150
180
mW
Center Wavelength
λC
RMS (
−20 dB), IFP = 800 mA,
PW = 10
μs, Duty = 1%
1 290
1 310
1 330
nm
Spectral Width
σ
RMS (
−20 dB), IFP = 800 mA,
PW = 10
μs, Duty = 1%
10.0
nm
Rise Time
tr
10-90%
2.0
ns
Fall Time
tf
90-10%
2.0
ns
ELECTRO-OPTICAL CHARACTERISTICS (TC = 0 to +60
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Threshold Current
Ith
80
mA
Optical Output Power from Fiber
Pf
IFP = 800 mA,
PW = 10
μs, Duty = 1%
75
mW
Center Wavelength
λC
RMS (
−20 dB), IFP = 800 mA,
PW = 10
μs, Duty = 1%
1 280
1 342.5
nm
Temperature Dependency of
Center Wavelength
Δλ/ΔT
0.35
nm/
°C
Spectral Width
σ
RMS (
−20 dB), IFP = 800 mA,
PW = 10
μs, Duty = 1%
10
nm


Similar Part No. - PL10757EJ01V0DS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PL10702EJ03V0DS RENESAS-PL10702EJ03V0DS Datasheet
206Kb / 10P
   ? 80 關m InGaAs AVALANCHE PHOTO DIODE MODULE FOR OTDR APPLICATIONS
PL10724EJ01V0DS RENESAS-PL10724EJ01V0DS Datasheet
201Kb / 9P
   ? 30 關m InGaAs AVALANCHE PHOTO DIODE 14-PIN DIP MODULE WITH TEC
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
PL10790EJ01V0DS RENESAS-PL10790EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - PL10757EJ01V0DS

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7337BJ-AA CEL-NX7337BJ-AA Datasheet
209Kb / 7P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
NX7335 CEL-NX7335 Datasheet
258Kb / 9P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7337BJ-AA RENESAS-NX7337BJ-AA_15 Datasheet
216Kb / 10P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
logo
California Eastern Labs
NX7337BF-AA CEL-NX7337BF-AA Datasheet
860Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA CEL-NX7338BF-AA Datasheet
877Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA CEL-NX7339BB-AA Datasheet
882Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com