Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857168 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 857168
Description  1000 MHz SAW Non Dispersive Delay Line
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857168 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  857168 Datasheet HTML 1Page - TriQuint Semiconductor 857168 Datasheet HTML 2Page - TriQuint Semiconductor 857168 Datasheet HTML 3Page - TriQuint Semiconductor 857168 Datasheet HTML 4Page - TriQuint Semiconductor 857168 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
857168
1000 MHz SAW Non Dispersive Delay Line
Preliminary Data Sheet: Rev - 6/28/12
- 4 of 5 -
Disclaimer: Subject to change without notice
© 2012TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Mechanical Information
Package Information, Dimensions and Marking
TRIQUINT
XXX
YYWW
857162
Package Style: 4-Pin FlatPack
Dimensions: 1 x 0.5 x 0.2 in. typical
Package and Leads: Au over Ni over
Kovar
All dimensions shown are nominal in
inches
The date code consists of:
last 2 digits of the year (2 digit) and
work week (2 digits)
Reference Design – 50
Ω SE Input, 50Ω
Ω SE Output
Schematic
50
Single-ended
Input
50
Single-ended
Output
2,4
50 Ω
1
3
50
857168


Similar Part No. - 857168

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857162 TRIQUINT-857162 Datasheet
391Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857162 TRIQUINT-857162_15 Datasheet
391Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857163 TRIQUINT-857163 Datasheet
396Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857163 TRIQUINT-857163_15 Datasheet
396Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857164 TRIQUINT-857164 Datasheet
395Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
More results

Similar Description - 857168

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857163 TRIQUINT-857163_15 Datasheet
396Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857164 TRIQUINT-857164_15 Datasheet
395Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857167 TRIQUINT-857167_15 Datasheet
397Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857169 TRIQUINT-857169_15 Datasheet
398Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857162 TRIQUINT-857162_15 Datasheet
391Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857165 TRIQUINT-857165_15 Datasheet
395Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857166 TRIQUINT-857166_15 Datasheet
396Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
logo
Microsemi Corporation
100865C MICROSEMI-100865C Datasheet
755Kb / 2P
   RD100-40-40U- 100 MHz Dispersive Delay Line 40 MHz Bandwidth
logo
TriQuint Semiconductor
856717 TRIQUINT-856717_15 Datasheet
413Kb / 5P
   1960 MHz SAW Delay Line
856649 TRIQUINT-856649_15 Datasheet
418Kb / 5P
   2140 MHz SAW Delay Line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com